Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T83C5121XXX-ICSIL Datasheet(PDF) 7 Page - ATMEL Corporation

Part # T83C5121XXX-ICSIL
Description  8-bit Microcontroller with Multiprotocol Smart Card Interface
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C5121XXX-ICSIL Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button T83C5121XXX-ICSIL Datasheet HTML 3Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 4Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 5Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 6Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 7Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 8Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 9Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 10Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 115 page
background image
7
A/T8xC5121
4164G–SCR–07/06
I/O
Input/Output function
P3.4 is a bi-directional I/O port with internal pull-ups.
I
Timer 0 function: External clock input
When Timer 0 operates as a counter, a falling edge on the T0 pin
increments the count.
Z
Reset configuration
High impedance due to PMOS switched OFF
P3.5
CIO1
DVCC
I/O
Alternate card function
Card I/O
I/O
Input/Output function
P3.5 is a bi-directional I/O port with internal pull-ups.
I
Timer 1 function: External clock input
When Timer 1 operates as a counter, a falling edge on the T1 pin
increments the count.
I
Reset configuration
Input (high level due to internal pull-up)
P3.6
CCLK1
LED0
DVCC
O
Alternate card function
Card clock
O
LED function
These pins can be directly connected to the cathode of standard
LED without external current limiting resistors. The typical current
of each output can be programmed by software to 2, 4 or 10 mA
(LEDCON register).
I/O
Input/Output function
P3.6 is a LED port.
I
Reset configuration
Input at high level
P3.7
CRST1
DVCC
O
Alternate card function
Card reset
P3.7
CRST1
LED1
DVCC
O
LED function
These pins can be directly connected to the cathode of standard
LED without external current limiting resistors. The typical current
of each output can be programmed by software to 2, 4 or 10 mA
(LEDCON register).
I/O
Input/Output function
P3.7 is a a LED port.
I
Reset configuration
Input at high level
Table 1. Ports Description (Continued)
Port
Signal
Name
Alternate
Internal
Power
Supply
ESD
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com