Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T83C5121XXX-ICSIL Datasheet(PDF) 57 Page - ATMEL Corporation

Part # T83C5121XXX-ICSIL
Description  8-bit Microcontroller with Multiprotocol Smart Card Interface
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C5121XXX-ICSIL Datasheet(HTML) 57 Page - ATMEL Corporation

Back Button T83C5121XXX-ICSIL Datasheet HTML 53Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 54Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 55Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 56Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 57Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 58Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 59Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 60Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 61Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 115 page
background image
57
A/T8xC5121
4164G–SCR–07/06
LED Ports
Configuration
The current source of the LED Ports can be adjusted to 3 different values: 2, 4 or 10 mA.
The LED output is an alternate function of P3.6 an P3.7 and cannot be used while the
alternate card function is used.
The control register LEDCON is detailed below.
Registers Definition
Table 40. LEDCON Register
Reset Value = XXXX 0000b
76
54
32
1
0
--
--
LED1[1]
LED1[0]
LED0[1]
LED0[0]
Bit
Number
Bit
Mnemonic
Description
7 - 4
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
3 - 2
LED1[1,0]
Port LED1 configuration:
LED1[1] LED1[0]
Configuration
0
0
Standard C51 port
0
1
2 mA current source when P3.7 is at Low Level
1
0
4 mA current source when P3.7 is at Low Level
1
1
10 mA current source when P3.7 is at Low Level
1 - 0
LED0[1,0]
Port LED0 configuration:
LED0[1] LED0[0]
Configuration
0
0
standard C51 port
0
1
2 mA current source when P3.6 is at Low Level
1
0
4 mA current source when P3.6 is at Low Level
1
1
10 mA current source when P3.6 is at Low Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com