Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T83C5121XXX-ICSIL Datasheet(PDF) 14 Page - ATMEL Corporation

Part # T83C5121XXX-ICSIL
Description  8-bit Microcontroller with Multiprotocol Smart Card Interface
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C5121XXX-ICSIL Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button T83C5121XXX-ICSIL Datasheet HTML 10Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 11Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 12Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 13Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 14Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 15Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 16Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 17Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 115 page
background image
14
A/T8xC5121
4164G–SCR–07/06
PowerMonitor
The PowerMonitor function supervises the evolution of the voltages feeding the micro-
controller, and if needed, suspends its activity when the detected value is out of
specification.
It is guaranteed to start up properly when T8xC5121 is powered up and prevents code
execution errors when the power supply becomes lower than the functional threshold.
This section describes the functions of the PowerMonitor.
Description
In order to start up and to properly maintain the microcontroller operation, VDD has to be
stabilized in the VDD operating range and the oscillator has to be stabilised with a nomi-
nal amplitude compatible with logic threshold.
This control is carried out during three phases which are the power-up, normal operation
and stop. It complies with the following requirements:
•
It guarantees an operational Reset when the microcontroller is powered
•
and a protection if the power supply goes out from the functional range of the
microcontroller.
Figure 8. PowerMonitor Block Diagram
PowerMonitor Diagram
The target of the PowerMonitor is to survey the power supply in order to detect any volt-
age drops which are not in the target specification. This PowerMonitor block checks two
kind of situations that occur:
•
During the power-up condition, when VDD is reaching the product specification
•
During a steady-state condition, when V
DD is stable but disturbed by any
undesirable voltage drops.
Figure 9 shows some configurations that can be met by the PowerMonitor.
External
Power Supply
DC to DC
3V Regulator
VDD
DVCC
CVCC
Internal RESET
Power-fail
Detector
Power-up
Detector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com