Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T83C5121XXX-ICSIL Datasheet(PDF) 36 Page - ATMEL Corporation

Part # T83C5121XXX-ICSIL
Description  8-bit Microcontroller with Multiprotocol Smart Card Interface
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C5121XXX-ICSIL Datasheet(HTML) 36 Page - ATMEL Corporation

Back Button T83C5121XXX-ICSIL Datasheet HTML 32Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 33Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 34Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 35Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 36Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 37Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 38Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 39Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 40Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 115 page
background image
36
A/T8xC5121
4164G–SCR–07/06
Figure 22. Alternate Card
Card Presence Input
The internal pull-up on Card Presence input can be disconnected in order to reduce the
consumption (CPRESRES, bit 3 in PMOD0).
In this case, an external resistor (typically 1 M
Ω) must be externally tied to V
CC.
CPRES input can generate an interrupt (see Interrupt system section).
The detection level can be selected.
SCIB Reset
The SCICR register contains a reset bit. If set, this bit generates a reset of the SCI and
its registers. Table 15 shows the SCIB registers that are reseted and their reset values.
Table 14. Reset Values for SCI Registers
SIM,SAM
CARD
Alternate
card
C
V
CC
CRST
CIO
CCLK
F
CK_IDLE
1
0
CCLK1
SCSR Reg.
PR3
SCSR Reg.
ALTKPS0,1
SCCLK1
FCK_IDLE
1, 2, 4 or 8
P3.6
Main
card
CPRES
Register Name
SCIB Reset Value (Binary)
SCICR
0000 0000b
SCCON
0X00 0000b
SCISR
1000 0000b
SCIIR
0X00 0000b
SCIER
0X00 0000b
SCSR
XXX0 1000b
SCTBUF
0000 0000b
SCRBUF
0000 0000b
SCETU1, SCETU0
XXX X001b, 0111 0100b (372)
SCGT1, SCGT0
XXXX XXX0b, 0000 1100b (12)
SCWT2, SCWT1, SCWT0
0000 0000b, 0010 0101b, 1000 0000b (9600)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com