Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T83C5121XXX-ICSIL Datasheet(PDF) 71 Page - ATMEL Corporation

Part # T83C5121XXX-ICSIL
Description  8-bit Microcontroller with Multiprotocol Smart Card Interface
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C5121XXX-ICSIL Datasheet(HTML) 71 Page - ATMEL Corporation

Back Button T83C5121XXX-ICSIL Datasheet HTML 67Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 68Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 69Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 70Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 71Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 72Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 73Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 74Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 75Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 115 page
background image
71
A/T8xC5121
4164G–SCR–07/06
Autobaud
The ISP feature allows a wide range of baud rates in the user application. It is also
adaptable to a wide range of oscillator frequencies. This is accomplished by measuring
the bit-time of a single bit in a received character. This information is then used to pro-
gram the baud rate in terms of timer counts based on the oscillator frequency. The ISP
feature requires that an initial character (an uppercase U) be sent to the T8xC5121 to
establish the baud rate. Table show the autobaud capability.
Protection Mechanisms
Transfer Checks
Table 53. Synthesis of the Communication Protection Mechanisms
Notes:
1. The transfer of SSB Byte is also secured by CRC as the CRC is computed on all the
16K data.
2. If a bad transfer has occurred in the Internal EEPROM (CRC is bad), as the CRC
check is finally done at the end of CRAM programming, application program will NOT
be executed after any Reset.
Security
Table 54. Synthesis of the Security Mechanisms
Table 52. Autobaud Performances
Frequency (MHz)
Baudrate (kHz)
6.176
8
11.0592
12
14.3
14.7456
16
9600
OK
OK
OK
OK
OK
OK
-
19200
OK
-
OK
OK
Ok
OK
OK
38400
-
OK
OK
OK
OK
OK
57600
-
-
OK
-
OK
OK
-
115200
-----
OK
-
Source
Target
Check
UART ISP
MCU
Checksum included in commands is tested with calculated checksum: if
bad, X echo returned to ISP
MCU
CRAM
CRC computed during CRAM Write operation: if error an error code is
applied on P3.7. Error code’Z’ is returned to ISP.
MCU
Intern. EEP
Same protection as above because CRAM is written in sequence after
each page programming of EEP
Source
Target
Case
Protection
UART ISP
Intern. EEP
Read access
SSB level 2 must be set (done, if
selected, at ISP Programming or Ext
EEP Download)
UART ISP
CRAM
Read access
SSB level 2 IN CRAM must be set (SSB
is downloaded from Int EEP after Reset)
UART ISP
Intern. EEP
Partial Programming
which would not fit
with old CRC
SSB level 1 must be set (done, if
selected, at ISP Programming or Ext
EEP Download)
Then the EEP must be, first, erased
before reprogramming.
Programming is done on all the memory
space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com