Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T83C5121XXX-ICSIL Datasheet(PDF) 63 Page - ATMEL Corporation

Part # T83C5121XXX-ICSIL
Description  8-bit Microcontroller with Multiprotocol Smart Card Interface
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C5121XXX-ICSIL Datasheet(HTML) 63 Page - ATMEL Corporation

Back Button T83C5121XXX-ICSIL Datasheet HTML 59Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 60Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 61Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 62Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 63Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 64Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 65Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 66Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 67Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 115 page
background image
63
A/T8xC5121
4164G–SCR–07/06
Figure 25. CRAM and ROM Mappings
T83C5121 with Mask ROM
Version
In this version, the customer program is masked in 16 Kbytes ROM.
•
The customer program is masked in ROM during the final production phase. The
ROM size will be determined at mask generation process depending of the program
size.
In-System Programming
The In-System Programming (ISP) mode is only implemented in the following product
versions:
•
EEPROM version
•
CRAM version
(The ROM product version is masked with the customer program and does not need
ISP mode)
The ISP is used to download an Application program in the device and to run it.
The communication protocols which are implemented are: UART and TWI.
Hardware Interface
The hardware in relation with the two communication protocols is detailed below:
•
TWI protocol
•
Serial protocol
16K bytes
0000h
3FFFh
CRAM
XRAM
RAM
ROM
FFFFh
C000h
Bootloader
F800h
entry point
256 bytes
256 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com