Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T83C5121XXX-ICSIL Datasheet(PDF) 42 Page - ATMEL Corporation

Part # T83C5121XXX-ICSIL
Description  8-bit Microcontroller with Multiprotocol Smart Card Interface
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C5121XXX-ICSIL Datasheet(HTML) 42 Page - ATMEL Corporation

Back Button T83C5121XXX-ICSIL Datasheet HTML 38Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 39Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 40Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 41Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 42Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 43Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 44Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 45Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 46Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 115 page
background image
42
A/T8xC5121
4164G–SCR–07/06
Table 19. SCIER Register
SCIER (S:AEh, SCRS = 1)
Smart Card UART Interrupt Enable Register
Reset Value = 0X00 0000b
7
6
5
4
3210
ESCTBI
-
CIccER
ECVccER
ESCWTI
ESCTI
ESCRI
ESCPI
Bit Number
Bit
Mnemonic
Description
7
ESCTBI
Smart Card UART Transmit Buffer Empty Interrupt Enable
Clear this bit to disable the Smart Card UART Transmit Buffer Empty interrupt.
Set this bit to enable the Smart Card UART Transmit Buffer Empty interrupt.
6-
Reserved
The value read from this bit is indeterminate. Do not change this bit .
5CIccER
Card Current Error Interrupt Enable
Clear this bit to disable the Card Current Error interrupt.
Set this bit to enable the Card Current Error interrupt.
4
ECVccER
Card Voltage Error Interrupt Enable
Clear this bit to disable the Card Voltage Error interrupt.
Set this bit to enable the Card Voltage Error interrupt.
3
ESCWTI
Smart Card Wait Timeout Interrupt Enable
Clear this bit to disable the Smart Card Wait timeout interrupt.
Set this bit to enable the Smart Card Wait timeout interrupt.
2
ESCTI
Smart Card Transmit Interrupt Enable
Clear this bit to disable the Smart Card UART Transmit interrupt.
Set this bit to enable the Smart Card UART Transmit interrupt.
1
ESCRI
Smart Card Receive Interrupt Enable
Clear this bit to disable the Smart Card UART Receive interrupt.
Set this bit to enable the Smart Card UART Receive interrupt.
0
ESCPI
Smart Card Parity Error Interrupt Enable
Clear this bit to disable the Smart Card UART Parity Error interrupt.
Set this bit to enable the Smart Card UART Parity Error interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com