Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T83C5121XXX-ICSIL Datasheet(PDF) 23 Page - ATMEL Corporation

Part # T83C5121XXX-ICSIL
Description  8-bit Microcontroller with Multiprotocol Smart Card Interface
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C5121XXX-ICSIL Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button T83C5121XXX-ICSIL Datasheet HTML 19Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 20Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 21Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 22Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 23Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 24Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 25Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 26Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 115 page
background image
23
A/T8xC5121
4164G–SCR–07/06
X2 Feature
The T8xC5121 core needs only 6 clock periods per machine cycle. This feature called
”X2” provides the following advantages:
•
Divides frequency crystals by 2 (cheaper crystals) while keeping same CPU power.
•
Saves power consumption while keeping same CPU power (oscillator power
saving).
•
Saves power consumption by dynamically dividing the operating frequency by 2 in
operating and idle modes.
•
Increases CPU power by 2 while keeping same crystal frequency.
In order to keep the original C51 compatibility, a divider by 2 is inserted between the
XTAL1 signal and the main clock input of the core (phase generator). This divider may
be disabled by software.
Description
The clock for the whole circuit and peripherals is first divided by two before being used
by the CPU core and the peripherals.
This allows any cyclic ratio to be accepted on XTAL1 input. In X2 mode, as this divider is
bypassed, the signals on XTAL1 must have a cyclic ratio from 40 to 60%.
As shown in Figure 11, X2 bit is validated on the rising edge of the XTAL1
÷2 to avoid
glitches when switching from X2 to standard mode. Figure 12 shows the switching mode
waveforms.
Figure 12. Mode Switching Waveforms
The X2 bit in the CKCON0 register (see Table 9) allows to switch (if CKRL=7) from 12
clock periods per instruction to 6 clock periods and vice versa.
The T0X2, T1X2, UartX2, and WdX2 bits in the CKCON0 register (see Table 9) and
SCX2 bit in the CKCON1 register (see Table 10) allow to switch from standard periph-
eral speed (12 clock periods per peripheral clock cycle) to fast peripheral speed (6 clock
periods per peripheral clock cycle). These bits are active only in X2 mode.
More information about the X2 mode can be found in the application note "How to Take
Advantage of the X2 Features in TS80C51 Microcontroller?".
XTAL1:2
XTAL1
CPU clock
X2 bit
X2 Mode
STD Mode
STD Mode
FOSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com