Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T83C5121XXX-ICSIL Datasheet(PDF) 30 Page - ATMEL Corporation

Part # T83C5121XXX-ICSIL
Description  8-bit Microcontroller with Multiprotocol Smart Card Interface
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C5121XXX-ICSIL Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button T83C5121XXX-ICSIL Datasheet HTML 26Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 27Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 28Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 29Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 30Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 31Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 32Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 33Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 115 page
background image
30
A/T8xC5121
4164G–SCR–07/06
Block Diagram
The Smart Card Interface Block diagram is shown in Figure 14.
Figure 14. SCIB Block Diagram
Functional Description
The architecture of the Smart Card Interface Block is detailed below.
Barrel Shifter
It allows the translation between 1 bit serial data and 8 bits parallel data.
The barrel function is useful for character repetition since the character is still present in
the shifter at the end of the character transmission.
This shifter is able to shift the data in both directions and to invert the input or output
value in order to manage both direct and inverse ISO7816-3 convention.
Coupled with the barrel shifter there is a parity checker and generator.
There are 2 registers connected to this barrel shifter, one for the transmission and one
for the reception.
They act as buffers to relieve the CPU of timing constraints.
SCART FSM
(Smart Card Asynchronous Receiver Transmitter Finite State Machine)
This is the core of the design. Its purpose is to control the barrel shifter. To sequence
correctly the barrel shifter for a reception or a transmission, it uses the signals issued by
Barrel shifter
SCI Registers
Scart
fsm
Interrupt generator
Power on
Power off
fsm
I/O
mux
IO (in)
IO (out)
CLK
RST
C4 (out)
Clk_iso
C8 (out)
CLK1
C4 (in)
C8 (in)
Waiting time
counter
Guard time
counter
Etu counter
VCARD
INT
Clk_cpu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com