Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T83C5121XXX-ICSIL Datasheet(PDF) 97 Page - ATMEL Corporation

Part # T83C5121XXX-ICSIL
Description  8-bit Microcontroller with Multiprotocol Smart Card Interface
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C5121XXX-ICSIL Datasheet(HTML) 97 Page - ATMEL Corporation

Back Button T83C5121XXX-ICSIL Datasheet HTML 93Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 94Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 95Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 96Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 97Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 98Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 99Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 100Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 101Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 115 page
background image
97
A/T8xC5121
4132C–SCR–07/06
Table 71. WDTPRG Register
WDTPRG - Watchdog Timer Out Register (0A7h)
Reset Value = XXXX X000
WDT during Power-down
and Idle
In Power-down mode the oscillator stops, which means the WDT also stops. While in
Power-down mode the user does not need to service the WDT. There are 2 methods of
exiting Power-down mode: by a hardware reset or via a level activated external interrupt
which is enabled prior to entering Power-down mode. When Power-down is exited with
hardware reset, servicing the WDT should occur as it normally should whenever the
T8xC5121 is reset. Exiting Power-down with an interrupt is significantly different. The
interrupt is held low long enough for the oscillator to stabilize. When the interrupt is
brought high, the interrupt is serviced. To prevent the WDT from resetting the device
while the interrupt pin is held low, the WDT is not started until the interrupt is pulled high.
It is suggested that the WDT be reset during the interrupt service routine.
To ensure that the WDT does not overflow within a few states of exiting of powerdown, it
is better to reset the WDT just before entering powerdown.
In the Idle mode, the oscillator continues to run. To prevent the WDT from resetting the
T8xC5121 while in Idle mode, the user should always set up a timer that will periodically
exit Idle, service the WDT, and re-enter Idle mode.
76
54
32
1
0
-
-
-
-
-
S2
S1
S0
Bit
Number
Bit
Mnemonic Description
7-
Reserved
The value read from this bit is undetermined. Do not try to set this bit.
6-
5-
4-
3-
2S2
WDT Time-out select bit 2
1S1
WDT Time-out select bit 1
0S0
WDT Time-out select bit 0
S2
S1
S0
Selected Time-out
00
0
(214 - 1) machine cycles, 16. 3 ms @ F
OSCA =12 MHz
00
1
(215 - 1) machine cycles, 32.7 ms @ FOSCA=12 MHz
01
0
(2
16 - 1) machine cycles, 65. 5 ms @ F
OSCA=12 MHz
01
1
(217 - 1) machine cycles, 131 ms @ F
OSCA=12 MHz
10
0
(218 - 1) machine cycles, 262 ms @ FOSCA=12 MHz
10
1
(2
19 - 1) machine cycles, 542 ms @ F
OSCA=12 MHz
11
0
(220 - 1) machine cycles, 1.05 ms @ F
OSCA=12 MHz
11
1
(221 - 1) machine cycles, 2.09 ms @ FOSCA=12 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com