Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T83C5121XXX-ICSIL Datasheet(PDF) 93 Page - ATMEL Corporation

Part # T83C5121XXX-ICSIL
Description  8-bit Microcontroller with Multiprotocol Smart Card Interface
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C5121XXX-ICSIL Datasheet(HTML) 93 Page - ATMEL Corporation

Back Button T83C5121XXX-ICSIL Datasheet HTML 89Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 90Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 91Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 92Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 93Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 94Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 95Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 96Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 97Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 115 page
background image
93
A/T8xC5121
4164G–SCR–07/06
Reset Value = XXX0 0000b
Table 67. SCON Register
SCON (S:98h)
Serial Control Registe
765
4
321
0
FE/SM0
SM1
SM2
REN
TB8
RB8
TI
RI
Bit
Number
Bit
Mnemonic
Description
7
FE
Framing Error bit
To select this function, set SMOD0 bit in PCON register.
Set by hardware to indicate an invalid stop bit.
Must be cleared by software.
SM0
Serial Port Mode bit 0
To select this function, clear SMOD0 bit in PCON register.
Software writes to bits SM0 and SM1 to select the Serial Port operating mode.
Refer to SM1 bit for the mode selections.
6SM1
Serial Port Mode bit 1
To select this function, set SMOD0 bit in PCON register.
Software writes to bits SM1 and SM0 to select the Serial Port operating mode.
SM0
SM1
Mode Description
Baud Rate
0
0
0
Shift Register
FOSC/12 or variable if SRC bit in BDRCON is set
0
1
1
8-bit UART
Variable
1
0
2
9-bit UART
F
OSC/32 or FOSC/64
1
1
3
9-bit UART
Variable
5SM2
Serial Port Mode bit 2
Software writes to bit SM2 to enable and disable the multiprocessor communication and automatic address
recognition features.
This allows the Serial Port to differentiate between data and command frames and to recognize slave and broadcast
addresses.
4REN
Receiver Enable bit
Clear to disable reception in mode 1, 2 and 3, and to enable transmission in mode 0.
Set to enable reception in all modes.
3TB8
Transmit bit 8
Modes 0 and 1: Not used.
Modes 2 and 3: Software writes the ninth data bit to be transmitted to TB8.
2RB8
Receiver bit 8
Mode 0: Not used.
Mode 1 (SM2 cleared): Set or cleared by hardware to reflect the stop bit received.
Modes 2 and 3 (SM2 set): Set or cleared by hardware to reflect the ninth bit received.
1TI
Transmit Interrupt flag
Set by the transmitter after the last data bit is transmitted.
Must be cleared by software.
0RI
Receive Interrupt flag
Set by the receiver after the stop bit of a frame has been received.
Must be cleared by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com