Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T83C5121XXX-ICSIL Datasheet(PDF) 8 Page - ATMEL Corporation

Part # T83C5121XXX-ICSIL
Description  8-bit Microcontroller with Multiprotocol Smart Card Interface
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C5121XXX-ICSIL Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button T83C5121XXX-ICSIL Datasheet HTML 4Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 5Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 6Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 7Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 8Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 9Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 10Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 11Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 115 page
background image
8
A/T8xC5121
4164G–SCR–07/06
RST
VCC
I/O
Reset input
Holding this pin low for 64 oscillator periods while the oscillator
is running resets the device. The Port pins are driven to their reset
conditions when a voltage lower than VIL is applied, whether or
not the oscillator is running.
This pin has an internal pull-up resistor which allows the device to be reset by
connecting a capacitor between this pin and VSS.This capacitor is optional
thanks to the internal POR which output a Reset as long as Vcc has not
reached the POR threshold level
Asserting RST when the chip is in Idle mode or Power-down mode
returns the chip to normal operation.
The output is active for at least 12 oscillator periods when an internal
reset occurs.
XTAL1
VCC
I
Input to the on-chip inverting oscillator amplifier
To use the internal oscillator, a crystal/resonator circuit is connected
to this pin.
If an external oscillator is used, its output is connected to this pin.
XTAL2
VCC
O
Output of the on-chip inverting oscillator amplifier
To use the internal oscillator, a crystal/resonator circuit is connected
to this pin.
If an external oscillator is used, XTAL2 may be left unconnected.
VCC
PWR
Supply voltage
VCC is used to power the internal voltage regulators and internal I/O’s.
LI
PWR
DC/DC input
LI must be tied to VCC through an external coil (typically 4, 7 μH) and provide
the current for the pump charge of the DC/DC converter.
CVCC
PWR
Card Supply voltage
CVCC is the programmable voltage output for the Card interface.
It must be connected to an external decoupling capacitor.
DVCC
PWR
Digital Supply voltage
DVCC is used to supply the digital core and internal I/Os. It is
internally connected to the output of a 3V regulator and must be connected to
an external decoupling capacitor.
EV
CC
V
CC
PWR
Extra supply voltage
EV
CC is used to supply the level shifters of UART interface I/O
pins. It must be connected to an external decoupling capacitor.
This reference voltage is generated internally (automatically or not),
or it can be connected to an external voltage reference.
CVSS
GND
DC/DC ground
CVSS is used to sink high shunt currents from the external coil.
VSS
GND
Ground
Table 1. Ports Description (Continued)
Port
Signal
Name
Alternate
Internal
Power
Supply
ESD
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com