Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T83C5121XXX-ICSIL Datasheet(PDF) 19 Page - ATMEL Corporation

Part # T83C5121XXX-ICSIL
Description  8-bit Microcontroller with Multiprotocol Smart Card Interface
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C5121XXX-ICSIL Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button T83C5121XXX-ICSIL Datasheet HTML 15Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 16Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 17Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 18Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 19Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 20Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 21Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 22Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 115 page
background image
19
A/T8xC5121
4164G–SCR–07/06
Table 4. AUXR Register
AUXR (S:8Eh)
Auxiliary Register
Reset Value = 00XX XX00b
76
54
32
1
0
-
LP
-
-
-
-
EXTRAM
AO
Bit
Number
Bit
Mnemonic
Description
7-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
6LP
Low Power mode selection
Clear to select standard mode
Set to select low consumption mode
5-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
4-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
3-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
2-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
1EXTRAM
EXTRAM select
(ONLY for PLCC52 version)
Clear to map XRAM datas in internal XRAM memory.
Set to map XRAM datas in external XRAM memory.
0AO
ALE Output bit
(ONLY for PLCC52 version)
Clear to restore ALE operation during internal fetches.
Set to disable ALE operation during internal fetches.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com