Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T83C5121XXX-ICSIL Datasheet(PDF) 95 Page - ATMEL Corporation

Part # T83C5121XXX-ICSIL
Description  8-bit Microcontroller with Multiprotocol Smart Card Interface
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C5121XXX-ICSIL Datasheet(HTML) 95 Page - ATMEL Corporation

Back Button T83C5121XXX-ICSIL Datasheet HTML 91Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 92Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 93Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 94Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 95Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 96Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 97Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 98Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 99Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 115 page
background image
95
A/T8xC5121
4164G–SCR–07/06
Table 69. SIOCON Register
Serial Input Output Configuration Register
Register (91h)
Reset Value = 00XX 0000b
76
54
32
1
0
PMSOEN1
PMSOEN0
-
-
CPRES
RES
EVAUTO
VEXT0
VEXT1
Bit
Number
Bit
Mnemonic
Description
7 - 6
PMOSEN1
PMOSEN0
Output Enable function on Txd/P3.1 and T0/P3.4:
PMSOEN1 PMSOEN0
0
0
PMOS is always off (reset value)
0
1
PMOS is always driven according to P3.1 or P3.4 value
1
0
PMOS is driven only when OE is high
1
1
PMOS is driven only when OE is low
5 - 4
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
3
CPRES
RES
Card Presence pull-up resistor
0 Internal pull-up is connected
1 Internal pull-up is disconnected
2EVAUTO
EVCC Auto setup
Set to enable the Automatic mode of EV
CCregulator
Clear to disable the Automatic mode of EV
CC regulator
1 - 0
VEXT0
VEXT1
EVCC voltage configuration:
VEXT0 VEXT1
0
0
Power-down, EV
CC is external (reset value)
01
EV
CC = 1.8V
10
EV
CC = 2.3V
11
EV
CC = 2.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com