Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T83C5121XXX-ICSIL Datasheet(PDF) 64 Page - ATMEL Corporation

Part # T83C5121XXX-ICSIL
Description  8-bit Microcontroller with Multiprotocol Smart Card Interface
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C5121XXX-ICSIL Datasheet(HTML) 64 Page - ATMEL Corporation

Back Button T83C5121XXX-ICSIL Datasheet HTML 60Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 61Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 62Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 63Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 64Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 65Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 66Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 67Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 68Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 115 page
background image
64
A/T8xC5121
4164G–SCR–07/06
Figure 26. Hardware in Relation with the Two Communication Protocols
EEPROM Mapping
The 16K Bytes EEPROM mapping is the following:
The three last bytes are reserved respectively:
•
Software Security Byte: address 3FFDh
•
CRC Bytes: address 3FFEh and 3FFFh
The use of these bytes is described in the following paragraphs.
Therefore, the User Program must be mapped from 0000h to 3FFCh address.
EEPROM external
TWI
DV
CC or Ext. VCC (3V)
Internal EEPROM
AT24C128
V
CC
VSS
DVCC or Ext.VCC (3V)
A0 = A1 = 0
wp = 0
SDA
SCL
TWI
Optional
Thanks to internal pull-ups
DVCC
V
CC
P2.1
P2.0
(A0 = 1,A1 = 0)
DVss Wp = 1
AT24C128
(default values if not tied)
P3.2/INT0
UART
BOOTLOADER
Address = 01h
Address = 00h
ISP Software Tool
SDA
SCL
P3.7/CRST1
3FFD
3FFE
3FFF
0000h
Reserved address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com