Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T83C5121XXX-ICSIL Datasheet(PDF) 44 Page - ATMEL Corporation

Part # T83C5121XXX-ICSIL
Description  8-bit Microcontroller with Multiprotocol Smart Card Interface
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C5121XXX-ICSIL Datasheet(HTML) 44 Page - ATMEL Corporation

Back Button T83C5121XXX-ICSIL Datasheet HTML 40Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 41Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 42Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 43Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 44Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 45Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 46Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 47Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 48Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 115 page
background image
44
A/T8xC5121
4164G–SCR–07/06
Table 22. SCRBUF Register
SCRBUF (S:AA read-only, SCRS = 1)
Smart Card Receive Buffer Register
Reset Value = 0000 0000b
Table 23. SCETU1 Register
SCETU1 (S:ADh, SCRS = 1)
Smart Card ETU Register 1
Reset Value = 0XXX X001b
76
54
32
1
0
–
–
–
–––
––
Bit
Number
Bit
Mnemonic
Description
––
Provides the byte received from the I/O pin when SCRI is set.
Bit ordering on the I/O pin depends on the Convention (see SCICR Register).
76
54
32
1
0
COMP
––
––
ETU10
ETU9
ETU8
Bit
Number
Bit
Mnemonic
Description
7COMP
Compensation
Clear this bit when no time compensation is needed (i.e. when the ETU to Card
CLK period ratio is close to an integer with an error less than 1/4 of Card CLK
period).
Set this bit otherwise and reduce the ETU period by 1 Card CLK cycle for even
bits.
6-3
–
Reserved
The value read from these bits is indeterminate. Do not change these bits .
2-0
ETU[10:8]
ETU MSB
Used together with the ETU LSB (see SCETU0 Register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com