Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T83C5121XXX-ICSIL Datasheet(PDF) 38 Page - ATMEL Corporation

Part # T83C5121XXX-ICSIL
Description  8-bit Microcontroller with Multiprotocol Smart Card Interface
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C5121XXX-ICSIL Datasheet(HTML) 38 Page - ATMEL Corporation

Back Button T83C5121XXX-ICSIL Datasheet HTML 34Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 35Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 36Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 37Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 38Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 39Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 40Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 41Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 42Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 115 page
background image
38
A/T8xC5121
4164G–SCR–07/06
Registers Description
Table 15. SCICR Register
SCICR (S:B6h, SCRS = 1)
Smart Card Interface Control Register
Reset Value = 0000 0000b
76
54
32
1
0
RESET
CARDDET
CVcc1
CVcc0
UART
WTEN
CREP
CONV
Bit Number
Bit Mnemonic Description
7
RESET
Reset
Set this bit to reset the SCIB and its configuration
6CARDDET
Card presence detector sense
Clear this bit to indicate the card presence detector is opened when no card
is inserted (CPRES is high).
Set this bit to indicate the card presence detector is closed when no card is
inserted (CPRES is low).
5 - 4
CVcc[1:0]
Card Voltage Selection:
CVcc[1]
CVcc[0]
CVcc
00
0V
0
1
1.8V
10
3V
11
5V
3UART
Card UART selection
Clear this bit to use the Card I/O bit to drive the Card I/O pin.
Set this bit to use the Smart Card UART to drive the Card I/O pin.
Also controls the Wait Time Counter as described in Section “Waiting Time
Counter (WT)”
2WTEN
Wait time counter enable
Clear this bit to stop the counter and enable the load of the Wait Time
counter hold registers.
The hold registers are loaded with SCWT0, SCWT1 and SCWT2 values
when SCWT2 is written.
Set this bit to start the Wait Time counter. The counters stop when it
reaches the timeout value.
If the UART bit is set, the Wait Time counter automatically reloads with the
hold registers whenever a start bit is sent or received.
1
CREP
Character repetition
Clear this bit to disable parity error detection and indication on the Card I/O
pin in receive mode and to disable character repetition in transmit mode.
Set this bit to enable parity error indication on the Card I/O pin in receive
mode and to set automatic character repetition when a parity error is
indicated in transmit mode. In receive mode, three times error indication is
performed and the parity error flag is set after four times parity error
detection. In transmit mode, up to three times character repetition is
allowed and the parity error flag is set after five times (reset configuration,
can be set at 4 using CREPSET bit in SCSR Register) consecutive parity
error indication.
0CONV
ISO convention
Clear this bit to use the direct convention: b0 bit (LSB) is sent first, the
parity bit is added after b7 bit and a low level on the Card I/O pin represents
a “0”.
Set this bit to use the inverse convention: b7 bit (LSB) is sent first, the parity
bit is added after b0 bit and a low level on the Card I/O pin represents a “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com