Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T83C5121XXX-ICSIL Datasheet(PDF) 17 Page - ATMEL Corporation

Part # T83C5121XXX-ICSIL
Description  8-bit Microcontroller with Multiprotocol Smart Card Interface
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C5121XXX-ICSIL Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button T83C5121XXX-ICSIL Datasheet HTML 13Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 14Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 15Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 16Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 17Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 18Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 19Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 20Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 115 page
background image
17
A/T8xC5121
4164G–SCR–07/06
The ports status under Power-down is the status which was valid before entering this
mode.
The INT1 interrupt is a multiplexed input (see Interrupt paragraph) with CPRES (Card
detection) and Rxd (UART Rx). So these three inputs can be used to exit from Power-
down mode. The configurations which must be set are detailed below:
•
Rxd input:
–
RXEN (ISEL.0) must be set
–
EX1 (IE0.2) must be set
–
A low level detected during more than 100 microseconds exit from Power-
down
•
CPRES input:
–
PRSEN (ISEL.1) must be set
–
EX1 (IEO.2) must be set
–
EA (IE0.7) must be set
–
In the INT1 interrupt vector, the CPLEV Bit (ISEL.7) must be inverted
and PRESIT Bit (ISEL.5) must be reset.
Figure 10. Power-down Exit Waveform
Exiting from Power-down by reset redefines all the SFRs, exiting from Power-down by
external interrupt does no affect the SFRs.
Exiting from Power-down by either reset or external interrupt does not affect the internal
RAM content.
Note:
If idle mode is activated with Power-down mode (IDL and PD bits set), the exit sequence
is unchanged, when execution is vectored to interrupt, PD and IDL bits are cleared and
idle mode is not entered.
SCI Control
Prior to entering Power-down mode, a de-activation of the Smart Card system must be
performed.
LED Control
Prior to entering Power-down mode, if the LED mode output is used, the medium pull-up
must be disconnected by setting the LEDPD bit in the PCON Register (PCON 3).
Low Power Mode
Only in Power-down mode, in order to reduce the power consumption, the user can
choose to select this low-power mode.
The activation reference is the following.
•
First select the Low-power mode by setting the LP bit in the AUXR Register (AUXR.
6)
•
The activation of Power-down can then be done.
INT1
INT0
XTAL1
Power-down phase
Oscillator restart phase
Active phase
Active phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com