Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T83C5121XXX-ICSIL Datasheet(PDF) 43 Page - ATMEL Corporation

Part # T83C5121XXX-ICSIL
Description  8-bit Microcontroller with Multiprotocol Smart Card Interface
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C5121XXX-ICSIL Datasheet(HTML) 43 Page - ATMEL Corporation

Back Button T83C5121XXX-ICSIL Datasheet HTML 39Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 40Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 41Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 42Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 43Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 44Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 45Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 46Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 47Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 115 page
background image
43
A/T8xC5121
4164G–SCR–07/06
Table 20. SCSR Register
SCSR (S:ABh) Smart Card Selection Register
Reset Value = XXX0 1000b
Table 21. SCTBUF Register
SCTBUF (S:AA, write-only, SCRS = 0) Smart Card Transmit Buffer Register
Reset Value = 0000 0000b
76
54
32
1
0
-
-
-
CREPSEL
ALTKPS1
ALTKPS0
SCCLK1
SCRS
Bit
Number
Bit
Mnemonic
Description
7-
Reserved
6-
Reserved
5-
Reserved
4
CREPSEL
Character repetition selection
Clear this bit to select 5 times repetition before parity error indication
Set this bit to select 4 times repetition before parity error indication
3-2
ALTKPS1
ALTKPS0
Alternate Card Clock prescaler factor
00ALTKPS = 0: prescaler factor equals 1
01ALTKPS = 1: prescaler factor equals 2
10ALTKPS = 2: prescaler factor equals 4 (reset value)
11ALTKPS = 3:
prescaler factor equals 8
1
SCCLK1
Alternate card clock selection
Set to select the prescaled clock (CCLK1)
Clear to select the standard port configuration (P3.6)
0
SCRS
Smart card register selection
The SCRS bit selects which set of the SCIB registers is accessed.
76
54
32
1
0
Bit Number
Bit Mnemonic Description
––
Can store a new byte to be transmitted on the I/O pin when SCTBE is set.
Bit ordering on the I/O pin depends on the Convention (see SCICR
Register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com