Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T83C5121XXX-ICSIL Datasheet(PDF) 84 Page - ATMEL Corporation

Part # T83C5121XXX-ICSIL
Description  8-bit Microcontroller with Multiprotocol Smart Card Interface
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C5121XXX-ICSIL Datasheet(HTML) 84 Page - ATMEL Corporation

Back Button T83C5121XXX-ICSIL Datasheet HTML 80Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 81Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 82Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 83Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 84Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 85Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 86Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 87Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 88Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 115 page
background image
84
A/T8xC5121
4164G–SCR–07/06
Reset Addresses
On reset, the SADDR, SADEN register are initialized to 00h, i.e. the given and broad-
cast addresses are XXXX XXXXb (all don’t care bits). This ensures that the serial port is
backwards compatible with the 80C51 microcontrollers that do not support automatic
address recognition.
UART Output Configuration
Voltage Level
The I/O Ports of UART are powered by the EV
CC Regulator. The voltage of this regulator
can be:
•
Automatically controlled by the microcontroller which adapt the power supply level
versus the OE input voltage level.
•
Set at three defined levels (1.8V, 2.3V or 2.8V)
These configurations are defined with the EVAUTO and VEXT0,VEXT1 Bits of SIOCON
Register.
Output Enable Function
The UART outputs (Tx, T0) can be controlled by the Output Enable input.
The Bits PMOSEN0 and PMOSEN1 in SIOCON Register are used to control this output.
0
1
0
1
0
1
PMOSEN0
PMOSEN0
PMOSEN1
OE
(P3.3)
PMOS Command
(Active at 1)
SFR
Value
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com