Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T83C5121XXX-ICSIL Datasheet(PDF) 29 Page - ATMEL Corporation

Part # T83C5121XXX-ICSIL
Description  8-bit Microcontroller with Multiprotocol Smart Card Interface
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C5121XXX-ICSIL Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button T83C5121XXX-ICSIL Datasheet HTML 25Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 26Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 27Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 28Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 29Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 30Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 31Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 32Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 115 page
background image
29
A/T8xC5121
4164G–SCR–07/06
Smart Card Interface Block (SCIB)
Introduction
The SCIB provides all signals to directly interface a smart card. Compliance with the
ISO7816, EMV’2000, GSM and WHQL standards has been certified.
Both synchronous (e.g. memory card) and asynchronous smart cards (e.g. micropro-
cessor card) are supported. The component supplies the different voltages requested by
the smart card. The power-off sequence is directly managed by the SCIB.
The card presence switch of the smart card connector is used to detect card insertion or
card removal. In case of card removal, the SCIB de-activates the smart card using the
de-activation sequence. An interrupt can be generated when a card is inserted or
removed.
Any malfunction is reported to the microcontroller (interrupt + control register).
The different operating modes are configured by internal registers.
Main Features
•
Support of ISO/IEC7816
•
Character mode
•
1 transmit buffer + 1 receive buffer
•
11 bits ETU counter
•
9 bits guard time counter
•
24 bits waiting time counter
•
Auto-character repetition on error signal detection in transmit mode
•
Auto-error signal generation on parity error detection in receive mode
•
Power-on and power-off sequence generation
•
Manual mode to directly drive the card I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com