Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP37D31-80E/TE Datasheet(PDF) 102 Page - Microchip Technology

Part # MCP37D31-80E/TE
Description  80 Msps, 16/14-Bit High-Pr ecision Pipelined ADC
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37D31-80E/TE Datasheet(HTML) 102 Page - Microchip Technology

Back Button MCP37D31-80E/TE Datasheet HTML 98Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 99Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 100Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 101Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 102Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 103Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 104Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 105Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 106Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 141 page
background image
 2020 Microchip Technology Inc.
DS20006382A-page 102
MCP37D31-80 AND MCP37D21-80
REGISTER 5-35:
ADDRESS 0X7B – FIR A FILTER(1,5)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
FIR_A<8:1>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
FIR_A<8:1>: Decimation Filter FIR A settings for Channel A (or I)(2)
Single-Channel Mode:(3)
FIR_A<8:0> =
1-1111-1111 = Stage 1 - 9 filters (decimation rate: 512)
0-1111-1111 = Stage 1 - 8 filters
0-0111-1111 = Stage 1 - 7 filters
0-0011-1111 = Stage 1 - 6 filters
0-0001-1111 = Stage 1 - 5 filters
0-0000-1111 = Stage 1 - 4 filters
0-0000-0111 = Stage 1 - 3 filters (decimation rate = 8)
0-0000-0011 = Stage 1 - 2 filters (decimation rate = 4)
0-0000-0001 = Stage 1 filter (decimation rate = 2)
0-0000-0000 = Disabled all FIR A filters. (Default)
Dual-Channel Mode:(4)
FIR_A<8:0> =
1-1111-1110 = Stage 2 - 9 filters (decimation rate: 256)
0-1111-1110 = Stage 2 - 8 filters
0-0111-1110 = Stage 2 - 7 filters
0-0011-1110 = Stage 2 - 6 filters
0-0001-1110 = Stage 2 - 5 filters
0-0000-1110 = Stage 2 - 4 filters
0-0000-0110 = Stage 2 - 3 filters
0-0000-0010 = Stage 2 filter (decimation rate = 2)
0-0000-0000 = Disabled all FIR A filters. (Default)
Note
1:
This register is used only for single and dual-channel modes. The register values are thermometer encoded.
2:
FIR_A<0> is placed in Address 0x7A (Register 5-34).
3:
In single-channel mode, the 1st stage filter is selected by FIR_A<0> = 1 in Address 0x7A (Register 5-34).
4:
In dual-channel mode, the 1st stage filter is disabled by setting FIR_A<0> = 0 in Address 0x7A.
5:
SNR is improved by approximately 2.5 dB per each filter stage, and output data rate is reduced by a factor of two per stage. The
data and clock rates in Address 0X02 (Register 5-3) need to be updated accordingly. Address 0x64 (Register 5-22) setting is
also affected. The maximum decimation rate for the single-channel mode is 512, and 256 for the dual-channel mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com