Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP37D31-80E/TE Datasheet(PDF) 104 Page - Microchip Technology

Part # MCP37D31-80E/TE
Description  80 Msps, 16/14-Bit High-Pr ecision Pipelined ADC
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37D31-80E/TE Datasheet(HTML) 104 Page - Microchip Technology

Back Button MCP37D31-80E/TE Datasheet HTML 100Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 101Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 102Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 103Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 104Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 105Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 106Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 107Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 108Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 141 page
background image
 2020 Microchip Technology Inc.
DS20006382A-page 104
MCP37D31-80 AND MCP37D21-80
REGISTER 5-39:
ADDRESS 0X7F – AUTO-SCAN CHANNEL ORDER (UPPER BYTE)
R/W-1
R/W-0
R/W-0
R/W-0
R/W-1
R/W-1
R/W-1
R/W-0
CH_ORDER<23:16>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
CH_ORDER<23:16>: Upper byte of CH_ORDER<31:0>(1)
1000-1110 = Default
Note
1:
See Table 5-3 for the channel order selection. See SEL_NCH<2:0> in Address 0x01 (Register 5-2) for the number of channels
to be selected.
REGISTER 5-40:
ADDRESS 0X80 – DIGITAL DOWN-CONVETER CONTROL 1(1)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
HBFILTER_B
HBFILTER_A
EN_NCO
EN_AMPDITH
EN_PHSDITH
EN_LFSR
EN_DDC_FS/8
EN_DDC1
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
HBFILTER_B: Select half-bandwidth filter at DDC output of channel B in dual-channel mode(2)
1 =
Select High-Pass filter at DDC output
0 =
Select Low-Pass filter at DDC output (Default)
bit 6
HBFILTER_A: Select half-bandwidth filter at DDC output of channel A(2)
1 =
Select High-Pass filter at DDC output
0 =
Select Low-Pass filter at DDC output (Default)
bit 5
EN_NCO: Enable NCO of DDC1
1 =
Enabled
0 =
Disabled (Default)
bit 4
EN_AMPDITH: Enable amplitude dithering for NCO(3, 4)
1 =
Enabled
0 =
Disabled (Default)
bit 3
EN_PHSDITH: Enable phase dithering for NCO(3, 4)
1 =
Enabled
0 =
Disabled (Default)
bit 2
EN_LFSR: Enable linear feedback shift register (LFSR) for amplitude and phase dithering for NCO
1 =
Enabled
0 =
Disabled (Default)
bit 1
EN_DDC_FS/8: Enable NCO for the DDC2 to center the DDC output signal to be around fS/8/DER(5)
1 =
Enabled
0 =
Disabled (Default)
bit 0
EN_DDC1: Enable digital down converter 1 (DDC1)
1 =
Enabled(6)
0 =
Disabled (Default)
Note
1:
This register is used for single-, dual- and octal-channel modes when CW feature is enabled (8CH_CW = 1).
2:
This filter includes a decimation of 2.
-Single-channel mode: HBFILTER_A is used.
-Dual-channel mode: Both HBFILTER_A and HBFILTER_B are used.
3:
This requires the LFSR to be enabled: EN_LFSR=1
4:
EN_AMPDITH = 1 and EN_PHSDITH = 1 are recommended for the best performance.
5:
DER is the decimation rate defined by FIR A or FIR B filter. If up-converter is not enabled (disabled), output is I/Q data.
6:
DDC and NCO are enabled. For DDC function, bits 0, 2 and 5 need to be enabled all together.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com