Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT91SAM7A2-AI Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT91SAM7A2-AI
Description  AT91 ARM Thumb-based Microcontrollers
PDF  369 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A2-AI Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT91SAM7A2-AI Datasheet HTML 3Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 4Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 5Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 6Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 7Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 8Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 9Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 10Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 369 page
background image
7
PRELIMINARY
AT91SAM7A2
6021A–ATARM–07/04
Product Overview
Register Considerations
Enable/Disable/Status
Registers
In order to reduce code size and subsequently increase speed when accessing internal
peripherals, most of the registers have been split into three address locations:
•
The first address location (Enable or Set Register) is used to set a bit to a logical 1.
•
The second address location (Disable or Clear Register) is used to set a bit to a
logical 0.
•
The third address location (Status register or Mask Register) gives the current state
of the bit.
To set a bit to a logical 1 in the Status or Mask Register, a write command in the Enable
or Set Register must be performed with the corresponding bit at a logical 1.
To set a bit to a logical 0 in the Status or Mask Register, a write command in the Disable
or Clear Register must be performed with the corresponding bit at a logical 1.
Example
Supposing that the US0_PSR register value is 0x00000000. To enable the RXD and
SCK pins as PIOs in the USART0 block, 0x00050000 must be written in the US0_PER
register. The value read in the US0_PSR register will be 0x00050000.
Now if the software wants to disable the RXD pin as a PIO (i.e. enable it for USART0
use), a write access to the US0_PDR register with the value 0x00040000 must be per-
formed. The new value read in the US0_PSR register will be 0x00010000.
Key Access to Registers
Some bits in registers can be set to a value (0 or 1) only if the right key is written at the
same time.
Example
The TESTEN bit in the SFM_TM register can be set to a logical 0 or 1 only if the
KEY[15:0] bits are equal to 0xD64A.
To enable test mode, 0xD64A0002 must be written in the SFM_TM register.
To disable test mode, 0xD64A0000 must be written in the SFM_TM register.
Ghost Registers
The AT91SAM7A2 microcontroller integrates an ICE (In-Circuit Emulation) interface that
is associated with a JTAG connection and a software debugger that provides powerful
debug possibility.
Effectively,
•
A running program can be stopped.
•
Internal registers and internal/external memories can be monitored.
•
Instructions can be added when the core is stopped.
•
The program can be resumed.
However, some AT91SAM7A2 registers are "read-active", meaning that reading such
registers can affect the state of other registers. This is usual and wanted register behav-
ior. For example, in the ADC module, the bit EOC (End Of Conversion) is automatically
cleared when the DR (numerical value of the input converted) is read. The aim is to cut
off the amount of code needed in an application.
Meanwhile, when debugging software, users can monitor the value of a register, without
modifying the state of another register. For this purpose, for each module, a ghost regis-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com