Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT91SAM7A2-AI Datasheet(PDF) 16 Page - ATMEL Corporation

Part # AT91SAM7A2-AI
Description  AT91 ARM Thumb-based Microcontrollers
PDF  369 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A2-AI Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button AT91SAM7A2-AI Datasheet HTML 12Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 13Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 14Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 15Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 16Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 17Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 18Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 19Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 369 page
background image
16
PRELIMINARY
AT91SAM7A2
6021A–ATARM–07/04
•
IP is the peak current delivered by the charge pump into the filter (typ 350 mA, min
50 mA, max 800 mA)
•
n is the division ration of the divider (i.e. PLL multiplication factor)
•
Stability can be improved with an additional capacitor C3. The value of C3 must be
chosen so that:
Equation 2:
Equation 3:
Where:
•fCKR is the PLL input frequency (i.e. MCK):
Phase jitter for the PLL is 200 ps Typically.
PLL Characteristics
Clock Timings
Core Clock
4
C4
C3
------
15
<<
K
0
I
p
×
nC
3
C
4
+
()
×
----------------------------------

 II fCKR
×
5
---------------------
≤
Table 12. PLL Characteristics
Code
Parameter
Conditions
Min
Typ
Max
Unit
f
CKR
Input frequency
0.02
30
MHz
f
CK
Output frequency
20
30
MHz
Wlow
Duty cycle
50
%
j
CK
Jitter
With ratio 1:1
200
ps
n
Division ratio
1:1
1:1024
K
0
V
CO gain
65
105
172
MHz/V
I
P
CHP current
50
350
800
mA
Table 13. Core Clock Timings
Symbol
Parameter
Minimum
Maximum
Unit
1/t
CP
Oscillator frequency
32.768
30000
kHz
t
CP
Main clock period
33
ns
t
CH
Main clock high time
12
ns
t
CL
Main clock low time
12
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com