Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT91SAM7A2-AI Datasheet(PDF) 90 Page - ATMEL Corporation

Part # AT91SAM7A2-AI
Description  AT91 ARM Thumb-based Microcontrollers
PDF  369 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A2-AI Datasheet(HTML) 90 Page - ATMEL Corporation

Back Button AT91SAM7A2-AI Datasheet HTML 86Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 87Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 88Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 89Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 90Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 91Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 92Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 93Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 94Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 369 page
background image
90
PRELIMINARY
AT91SAM7A2
6021A–ATARM–07/04
PDC CH0...CH9 Peripheral Register Address
Name:
PDC_PRA0...PDCPRA9
Access:
Read/Write
Base Address:
0xXX0
• CHPRA[31:0] Peripheral Register Address
CHPRA[31:0] must be loaded with the address of the target register (peripheral receive or transmit register).
PDC CH0...CH9 Control Register
Name:
PDC_CR0...PDC_CR9
Access:
Read/Write
Base Address:
0xXX4
• DIR: Transfer direction
0: Peripheral to memory.
1: Memory to peripheral.
• SIZE[1:0]: Transfer size
Defines the size of the transfer.
31
30
29
28
27
26
25
24
CHPRA[31:24]
23
22
21
20
19
18
17
16
CHPRA[23:16]
15
14
13
12
11
10
9
8
CHPRA[15:8]
76
543
21
0
CHPRA[7:0]
31
30
29
28
27
26
25
24
–
–
––
––
––
23
22
21
20
19
18
17
16
–
–
––
––
––
15
14
13
12
11
10
9
8
–
–
––
––
––
7
6
54
32
10
–
–
–
–
–
SIZE[1:0]
DIR
SIZE[1:0]
Transfer Size
0
0
Byte (8-bit)
0
1
Half-word (16-bit)
1
0
Word (32-bit)
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com