Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT91SAM7A2-AI Datasheet(PDF) 20 Page - ATMEL Corporation

Part # AT91SAM7A2-AI
Description  AT91 ARM Thumb-based Microcontrollers
PDF  369 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A2-AI Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button AT91SAM7A2-AI Datasheet HTML 16Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 17Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 18Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 19Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 20Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 21Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 22Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 23Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 369 page
background image
20
PRELIMINARY
AT91SAM7A2
6021A–ATARM–07/04
Remap Mode
The memory map in remap mode is described below.
External Memory
The AT91SAM7A2 external memories can be relocated in the address space from
0x40000000 to 0x7FFFFFFF. The configuration of the base address and the page size
of each EBI chip select line (NCS[2:0], CS3) is done through the Advanced Memory
Controller (AMC) registers. It is to be noted that the two most significant bits of the base
address are fixed to 01b, allocating these memories between 0x40000000 to
0x7FFFFFFF.
The maximum external memory space is 6 Mbytes, while CS3/A20 is used as address
line A20.
Table 18. Memory Map in Remap Mode
Memory Space
Application
Abort
0xFFFFFFFF
–
0xFFE00000
Peripheral devices
No
0xFFDFFFFF
–
0x80000000
Reserved
Yes
0x7FFFFFFF
–
0x40000000
External memories (up to 4)
Memory values repeated
within the page size
programmed
Yes, outside of page defined
in the AMC
0x3FFFFFFF
–
0x00300000
Reserved
Yes
0x002FFFFF
–
0x00100000
Reserved (Read as '0')
No
0x000FFFFF
–
0x00000000
Internal RAM 16 kbytes
repeated 64 times
No
Table 19. External Memory Map
Memory Space
Size
Application
0x(01XXb)XXFFFFF
–
0x(01XXb)XX00000
Up to 1 Mbytes
External memory on CS3
0x(01XXb)X1FFFFF
–
0x(01XXb)XX00000
Up to 2 Mbytes
External memory on NCS2
0x(01XXb)X1FFFFF
–
0x(01XXb)XX00000
Up to 2 Mbytes
External memory on NCS1
0x(01XXb)X1FFFFF
–
0x(01XXb)XX00000
Up to 2 Mbytes
External memory on NCS0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com