Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT91SAM7A2-AI Datasheet(PDF) 56 Page - ATMEL Corporation

Part # AT91SAM7A2-AI
Description  AT91 ARM Thumb-based Microcontrollers
PDF  369 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A2-AI Datasheet(HTML) 56 Page - ATMEL Corporation

Back Button AT91SAM7A2-AI Datasheet HTML 52Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 53Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 54Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 55Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 56Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 57Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 58Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 59Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 60Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 369 page
background image
56
PRELIMINARY
AT91SAM7A2
6021A–ATARM–07/04
CM PLL Stabilization Timer Register
Name:
CM_PST
Access:
Read/Write
Base Address:
0x00C
• PSTB[9:0]: PLL Stabilization Time
Number of clock cycles needed before PLL stabilization. This register gives the possibility to optimize the PLL stabilization
time when changing the PLL multiplier. The PLL must be disabled before writing this register.
This stabilization time is used when the PLL is enabled, after a reset and at power up, during the stabilization time the clock
is halted.
The default value is 0x000000B0 guarantying 176 clock cycles with MCK/256 clock (i.e. Tsetup = 176x(1/4MHz)*256 =
11.264 ms with MCK = 4.0 MHz). This default value includes the stabilization time for the oscillator and the PLL at start up
and after a reset.
When the clock manager is configured in LPM mode and the program enables both the PLL and the master oscillator,
PSTB should include the oscillator stabilization time and the PLL stabilization time. This is due to the fact that PSTB
counter and OSTB counter decrement in parallel.
The PLL transient behavior before mathematical locking (phase error between the reference signal and derived signal less
than ± 2
π) is complex and difficult to describe using simple mathematical expression. Thus, there is no general formula giv-
ing the set-up time for any step-response transient behavior that unlocks the loop. Nevertheless, this set-up time can be
approximated by a simple loop filter capacitor charging time Tsetup in the worst case:
where:
C1 and C2 are the loop filter capacitors,
I
p the charge pump current (see “PLL Characteristics” on page 16),
α is a margin factor, set to 3 or 4 as a minimum,
VDDPLL / 2 (approximately equal to 1.6V) is chosen because the PLL's VCO operates linearly.
This formula over estimates the required time, but gives an easy way to approximate this setup time.
•
PLL stabilization time will be effective when PLL value is modified.
•
During PLL stabilization time, CORECLOCK is stopped.
• PSTKEY[15:0]: Key for Write Access into the CM_PST Register
Any write in PSTB[9:0] will be effective only if PSTKEY[15:0] is equal to 0x59C1. These bits are always read at 0.
Note:
Write accesses to this register are only valid if PLLEN is at logical 0 (i.e. PLL not enabled).
31
30
29
28
27
26
25
24
PSTKEY[15:8]
23
22
21
20
19
18
17
16
PSTKEY[7:0]
15
14
13
12
11
10
9
8
––
–––
–
PSTB[9:8]
76
543
21
0
PSTB[7:0]
Tsetup
α C1 C2
+
I
P
---------------------
VDDPLL
2
------------------------
⋅⋅
≤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com