Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT91SAM7A2-AI Datasheet(PDF) 19 Page - ATMEL Corporation

Part # AT91SAM7A2-AI
Description  AT91 ARM Thumb-based Microcontrollers
PDF  369 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A2-AI Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button AT91SAM7A2-AI Datasheet HTML 15Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 16Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 17Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 18Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 19Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 20Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 21Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 22Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 369 page
background image
19
PRELIMINARY
AT91SAM7A2
6021A–ATARM–07/04
Memory Map
When the AT91SAM7A2 microcontroller is reset, the ARM core is in reboot mode to
access the external memory (usually ROM) on NCS0 at address 0x00000000. The
internal RAM is located at address 0x00300000.
When the software executes the remap command (write 1 in RCB field in AMC_RCR
register), the internal RAM is automatically located at address 0x00000000 and the
external memory accessed on the NCS0 is located in the memory space from
0x40000000 to 0x7FFFFFFF, depending on the AMC_NCS0 register in the Advanced
Memory Controller, then the chip is in remap mode.
Reboot Mode
The memory map in reboot mode is described below.
Table 17. Memory Map in Reboot Mode
Memory Space
Application
Abort
0xFFFFFFFF
–
0xFFE00000
Peripheral devices
No
0xFFDFFFFF
–
0x00400000
Reserved
Yes
0x003FFFFF
–
0x00300000
Internal RAM 16 kbytes
repeated 64 times
No
0x002FFFFF
–
0x00200000
Reserved
(Read as '0')
No
0x001FFFFF
–
0x00100000
Reserved
Yes
0x000FFFFF
–
0x00000000
External memory on NCS0
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com