Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT91SAM7A2-AI Datasheet(PDF) 23 Page - ATMEL Corporation

Part # AT91SAM7A2-AI
Description  AT91 ARM Thumb-based Microcontrollers
PDF  369 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A2-AI Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button AT91SAM7A2-AI Datasheet HTML 19Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 20Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 21Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 22Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 23Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 24Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 25Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 26Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 369 page
background image
23
PRELIMINARY
AT91SAM7A2
6021A–ATARM–07/04
PIO Controller Block
To match different applications, the AT91SAM7A2 peripherals have their dedicated pins
multiplexed with general purpose I/O pins (MPIO).
The following table lists the module sharing the dedicated pins with MPIOs.
Each PIO block in the peripheral is controlled through the peripheral interface. The PIO
block clock is enabled/disabled by the peripheral power management controller. See
Table 20, “Peripheral Memory Map,” on page 21.
Table 22. PIO Blocks
Module
PIO Block Present
Number of MPIOs
Name of PIO Lines
AMC
No
-
-
SFM
No
-
-
Watchdog
No
-
-
Watch Timer
No
-
-
USART0
Yes
3
TXD0, RXD0, SCK0
USART1
Yes
3
TXD1, RXD1, SCK1
CAN3
No
-
-
SPI
Yes
7
MISO, MOSI, SPCK,
NPCS[3:0]
ADC0
No
-
-
ADC1
No
-
-
GPT0 TC0
Yes
3
TIOA0, TIOB0, TCLK0
GPT0 TC1
Yes
3
TIOA1, TIOB1, TCLK1
GPT0 TC2
Yes
3
TIOA2, TIOB2, TCLK2
PWM
No
-
-
CAN0
No
-
-
CAN1
No
-
-
CAN2
No
-
-
UPIO
Yes
32
UPIO[31:0]
CAPT0
No
-
-
CAPT1
No
-
-
Simple Timer ST0
No
-
-
Simple Timer ST1
No
-
-
CM
No
-
-
PMC
No
-
-
PDC
No
-
-
GIC
No
-
-
GPT1 TC0
Yes
3
TIOA, TIOB, TCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com