Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT91SAM7A2-AI Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT91SAM7A2-AI
Description  AT91 ARM Thumb-based Microcontrollers
PDF  369 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A2-AI Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT91SAM7A2-AI Datasheet HTML 8Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 9Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 10Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 11Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 12Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 13Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 14Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 15Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 369 page
background image
12
PRELIMINARY
AT91SAM7A2
6021A–ATARM–07/04
Electrical Characteristics
Table 9. Pin Connection
Pin
Name
Pad
Pin
Name
Pad
Pin
Name
Pad
Pin
Name
Pad
1
VDDIO
45
GND
89
VDDIO
133
NOE/NRD
PC3T03
2
IRQ0
MC5D00
46
VDDIO
90
VDDANA
134
NCS0
PC3T01
3
IRQ1
MC5D00
47
UPIO5
MC5B03
91
VREFP0
ANAIN
135
ADD1
PC3T01
4
FIQ
MC5D00
48
UPIO6
MC5B03
92
ANA0IN0
AIMUX1
136
D9
PC3B01D
5
SCK0/MPIO
MC5B01
49
GND
93
ANA0IN1
AIMUX1
137
D2
PC3B01D
6
TXD0/MPIO
MC5B01
50
VDDIO
94
ANA0IN2
AIMUX1
138
VDDCORE
7
RXD0/MPIO
MC5B01
51
UPIO7
MC5B03
95
ANA0IN3
AIMUX1
139
D10
PC3B01D
8
SCK1/MPIO
MC5B01
52
UPIO8
MC5B02
96
ANA0IN4
AIMUX1
140
D3
PC3B01D
9
TXD1/MPIO
MC5B01
53
UPIO9
MC5B02
97
ANA0IN5
AIMUX1
141
D11
PC3B01D
10
RXD1/MPIO
MC5B01
54
UPIO10
MC5B02
98
ANA0IN6
AIMUX1
142
D4
PC3B01D
11
VDDCORE
55
UPIO11
MC5B02
99
GND
143
D12
PC3B01D
12
CANTX3
MC5O01
56
UPIO12
MC5B02
100
VDDANA
144
D5
PC3B01D
13
CANRX3
MC5D00
57
UPIO13
MC5B02
101
ANA01N7
AIMUX1
145
D13
PC3B01D
14
CAPT0
MC5D00
58
UPIO14
MC5B02
102
VREFP1
ANAIN
146
D6
PC3B01D
15
CAPT1
MC5D00
59
UPIO15
MC5B02
103
ANA1IN0
AIMUX1
147
D14
PC3B01D
16
SPCK/MPIO
MC5B01
60
UPIO16
MC5B01
104
ANA1IN1
AIMUX1
148
D7
PC3B01D
17
MISO/MPIO
MC5B01
61
UPIO17
MC5B01
105
ANA1IN2
AIMUX1
149
D15
PC3B01D
18
MOSI/MPIO
MC5B01
62
UPIO18
MC5B01
106
ANA1IN3
AIMUX1
150
GND
19
NPCS0/MPIO
MC5B01
63
GND
107
ANA1IN4
AIMUX1
151
ADD0/NLB
PC3T01
20
VDDIO
64
VDDIO
108
ANA1IN5
AIMUX1
152
ADD17
PC3T01
21
GND
65
UPIO19
MC5B01
109
ANA1IN6
AIMUX1
153
ADD16
PC3T01
22
NPCS1/MPIO
MC5B01
66
UPIO20
MC5B01
110
ANA1IN7
AIMUX1
154
ADD15
PC3T01
23
NPCS2/MPIO
MC5B01
67
UPIO21
MC5B01
111
GND
155
ADD14
PC3T01
24
NPCS3/MPIO
MC5B01
68
UPIO22
MC5B01
112
VDDCORE
156
ADD13
PC3T01
25
T0TIOA0/MPIO
MC5B01
69
UPIO23
MC5B01
113
RTCKI
32.768 kHz crystal
oscillator pad
157
ADD12
PC3T01
26
T0TIOB0/MPIO
MC5B01
70
UPIO24
MC5B01
114
RTCKO
32.768 kHz crystal
oscillator pad
158
ADD11
PC3T01
27
T0TCLK0/MPIO
MC5B01
71
UPIO25
MC5B01
115
GND
159
ADD10
PC3T01
28
T0TIOA1/MPIO
MC5B01
72
UPIO26
MC5B01
116
VDDCORE
160
ADD9
PC3T01
29
T0TIOB1/MPIO
MC5B01
73
UPIO27
MC5B01
117
SCANEN
PC3D01D
161
ADD20/CS3
PC3T01
30
T0TCLK1/MPIO
MC5B01
74
UPIO28
MC5B01
118
TEST
PC3D01D
162
VDDCORE
31
T0TIOA2/MPIO
MC5B01
75
UPIO29
MC5B01
119
TMS
PC3D21U
163
NWR0/NWE
PC3B01
32
T0TIOB2/MPIO
MC5B01
76
UPIO30/NWAIT
MC5B01
120
TDO
PC3T03
164
NCS2
PC3T01
33
VDDIO
77
UPIO31/CORE
CLK
MC5B01
121
TDI
PC3D21U
165
NCS1
PC3T01
34
GND
78
CANTX0
MC5O01
122
TCK
PC3D21U
166
ADD19
PC3T01
35
T0TCLK2/MPIO
MC5B01
79
CANRX0
MC5D00
123
GND
167
ADD18
PC3T01
36
T1TIOA0/MPIO
MC5B01
80
CANTX1
MC5O01
124
PLLRC
PLL080M1
168
ADD8
PC3T01
37
T1TIOB0/MPIO
MC5B01
81
CANRX1
MC5D00
125
VDDCORE
169
ADD7
PC3T01
38
T1TCLK0/MPIO
MC5B01
82
CANTX2
MC5O01
126
MCKI
OSC16M
170
ADD6
PC3T01
39
NRESET
MC5D20
83
CANRX2
MC5D00
127
MCKO
OSC16M
171
ADD2
PC3T01
40
UPIO0
MC5B04
84
PWM0
MC5O01
128
GND
172
ADD3
PC3T01
41
UPIO1
MC5B04
85
PWM1
MC5O01
129
NWR1/NUB
PC3B01
173
ADD4
PC3T01
42
UPIO2
MC5B04
86
PWM2
MC5O01
130
D8
PC3B01D
174
ADD5
PC3T01
43
UPIO3
MC5B04
87
PWM3
MC5O01
131
D1
PC3B01D
175
GND
44
UPIO4
MC5B03
88
GND
132
D0
PC3B01D
176
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com