Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT91SAM7A2-AI Datasheet(PDF) 98 Page - ATMEL Corporation

Part # AT91SAM7A2-AI
Description  AT91 ARM Thumb-based Microcontrollers
PDF  369 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A2-AI Datasheet(HTML) 98 Page - ATMEL Corporation

Back Button AT91SAM7A2-AI Datasheet HTML 94Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 95Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 96Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 97Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 98Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 99Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 100Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 101Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 102Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 369 page
background image
98
PRELIMINARY
AT91SAM7A2
6021A–ATARM–07/04
Spurious Interrupt
Sequence
A spurious interrupt is a signal of very short duration on one of the interrupt input lines. It
is handled by the following sequence of actions.
1.
When an interrupt is active, the GIC asserts the IRQ (or nFIQ) line and the
ARM7TDMI enters IRQ (or FIQ) mode. At this moment, if the interrupt source
disappears, the nIRQ (or nFIQ) line is de-asserted but the ARM7TDMI continues
with the interrupt handler.
2.
If the IRQ Vector Register (GIC_IVR) is read when the nIRQ is not asserted, the
GIC_IVR is read with the contents of the Spurious Interrupt Vector Register.
3.
If the FIQ Vector Register (GIC_FVR) is read when the nFIQ is not asserted, the
GIC_FVR is read with the contents of the Spurious Interrupt Vector Register.
4.
The Spurious Interrupt Routine must at least write into the GIC_EOICR to per-
form an end of interrupt command. Until the GIC_EOICR write is received by the
interrupt controller, the nIRQ (or nFIQ) line is not reasserted.
5.
This causes the ARM7TDMI to jump into the Spurious Interrupt Routine.
6.
During a Spurious Interrupt Routine, the Interrupt Status Register GIC_ISR
reads 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com