Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT91SAM7A2-AI Datasheet(PDF) 102 Page - ATMEL Corporation

Part # AT91SAM7A2-AI
Description  AT91 ARM Thumb-based Microcontrollers
PDF  369 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A2-AI Datasheet(HTML) 102 Page - ATMEL Corporation

Back Button AT91SAM7A2-AI Datasheet HTML 98Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 99Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 100Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 101Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 102Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 103Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 104Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 105Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 106Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 369 page
background image
102
PRELIMINARY
AT91SAM7A2
6021A–ATARM–07/04
GIC FIQ Vector Register
Name:
GIC_FVR
Access:
Read-only
Base Address:
0x104
• FIQV[31:0]: FIQ Vector Address
Address of the FIQ serviced interrupt (user programmed in the GIC_SVR0 register).
Note:
When debugging, to read the GIC_FVR register clears the FRQ interrupt if present at the GIC. To avoid this behavior, users
should use ghost registers (see “Ghost Registers” on page 7).
GIC Interrupt Status Register
Name:
GIC_ISR
Access:
Read-only
Base Address:
0x108
• IRQID[4:0]: Current IRQ Identifier
Current interrupt source number.
31
30
29
28
27
26
25
24
FIQV[31:24]
23
22
21
20
19
18
17
16
FIQV[23:16]
15
14
13
12
11
10
9
8
FIQV[15:8]
76
543
21
0
FIQV[7:0]
31
30
29
28
27
26
25
24
–
–
––
––
––
23
22
21
20
19
18
17
16
–
–
––
––
––
15
14
13
12
11
10
9
8
–
–
––
––
––
7
6
54
32
10
–
IRQID[4:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com