Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT91SAM7A2-AI Datasheet(PDF) 101 Page - ATMEL Corporation

Part # AT91SAM7A2-AI
Description  AT91 ARM Thumb-based Microcontrollers
PDF  369 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A2-AI Datasheet(HTML) 101 Page - ATMEL Corporation

Back Button AT91SAM7A2-AI Datasheet HTML 97Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 98Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 99Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 100Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 101Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 102Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 103Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 104Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 105Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 369 page
background image
101
PRELIMINARY
AT91SAM7A2
6021A–ATARM–07/04
GIC Source Vector Register
Name:
GIC_SVR0...GIC_SVR31
Access:
Read/Write
Base Address:
0x080...0x0FC
• VECT[31:0]: Interrupt Handler Address
Address of the corresponding handler for each interrupt source.
GIC Interrupt Vector Register
Name:
GIC_IVR
Access:
Read-only
Base Address:
0x100
• IRQV[31:0]: Interrupt Vector Address
Address of the currently serviced interrupt vector (user programmed in the GIC_SVR register).
Note:
GIC_IVR = 0x00000000 when there is no current interrupt.
Note:
When debugging, to read the GIC_IVR register clears the IRQ interrupt if present at the GIC. To avoid this behavior, users
should use ghost registers (see “Ghost Registers” on page 7).
31
30
29
28
27
26
25
24
VECT[31:24]
23
22
21
20
19
18
17
16
VECT[23:16]
15
14
13
12
11
10
9
8
VECT[15:8]
76
543
21
0
VECT[7:0]
31
30
29
28
27
26
25
24
IRQV[31:24]
23
22
21
20
19
18
17
16
IRQV[23:16]
15
14
13
12
11
10
9
8
IRQV[15:8]
76
543
21
0
IRQV[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com