Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT91SAM7A2-AI Datasheet(PDF) 22 Page - ATMEL Corporation

Part # AT91SAM7A2-AI
Description  AT91 ARM Thumb-based Microcontrollers
PDF  369 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A2-AI Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button AT91SAM7A2-AI Datasheet HTML 18Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 19Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 20Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 21Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 22Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 23Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 24Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 25Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 369 page
background image
22
PRELIMINARY
AT91SAM7A2
6021A–ATARM–07/04
Power Management
Block
In order to reduce power consumption, the AT91SAM7A2 microcontroller provides a
power management block in some peripherals used to switch on/off the peripheral
clocks (peripheral and PIO block).
This function is independent of the Power Management Controller (peripheral) used to
switch on/off the ARM7TDMI core and the PDC clocks.
Three registers are provided:
•
PERIPHERAL_ECR (at peripheral offset 0x0050) enables the clock.
•
PERIPHERAL_DCR (at peripheral offset 0x0054) disables the clock.
•
PERIPHERAL_PMSR (at peripheral offset 0x0058) gives the status of the clock.
Two bits are provided in these registers:
•
Bit 0 controls the PIO block of the peripheral.
•
Bit 1 controls the peripheral function.
When the peripheral clock (and/or the PIO clock) is disabled, the clock is immediately
stopped. When the clock is re-enabled, the peripheral controller (and/or the PIO control-
ler) resumes action where it left off.
The interrupt registers are common to the peripheral controller and its PIO controller.
The clock on the interrupt registers and its associated logic are stopped only if both the
peripheral controller clock and the PIO controller clock are stopped.
Table 21. Power Management Blocks
Module
Power Management Block Present
AMC
No
SFM
No
Watchdog
No
Watch Timer
No
USART0
Yes
USART1
Yes
CAN3
Yes
SPI
Yes
ADC0
Yes
ADC1
Yes
GPT0 Ch0
Yes
GPT0 Ch1
Yes
GPT0 Ch2
Yes
GPT1 Ch0
Yes
PWM
Yes
CAN0
Yes
CAN1
Yes
CAN2
Yes
UPIO
Yes
CAPT0
Yes
CAPT1
Yes
Simple Timer ST0
Yes
Simple Timer ST1
Yes
CM
No
PMC
Yes
PDC
No
GIC
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com