Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT91SAM7A2-AI Datasheet(PDF) 43 Page - ATMEL Corporation

Part # AT91SAM7A2-AI
Description  AT91 ARM Thumb-based Microcontrollers
PDF  369 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A2-AI Datasheet(HTML) 43 Page - ATMEL Corporation

Back Button AT91SAM7A2-AI Datasheet HTML 39Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 40Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 41Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 42Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 43Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 44Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 45Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 46Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 47Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 369 page
background image
43
PRELIMINARY
AT91SAM7A2
6021A–ATARM–07/04
Advanced Memory Controller (AMC) Memory Map
Base Address: 0xFFE0000
Notes:
1. The software must set the AMC Registers for correct operation.
2. In register tables, individual bits are defined: W: Write, R: Read, -0: 0 after reset, -1: 1 after reset, -U: undefined after reset.
Table 27. AMC Memory Map (1) (2)
Offset
Register
Name
Access
Reset State
0x000
AMC Chip Select Register 0
AMC_CSR0
Read/Write
0x4000203D
0x004
AMC Chip Select Register 1
AMC_CSR1
Read/Write
0x48000000
0x008
AMC Chip Select Register 2
AMC_CSR2
Read/Write
0x50000000
0x00C
–
0x018
Reserved
–––
0x01C
AMC Chip Select Register 3
AMC_CSR3
Read/Write
0x78000000
0x020
AMC Remap Control Register
AMC_RCR
Read/Write
0x00000000
0x024
AMC Memory Control Register
AMC_MCR
Read/Write
0x00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com