Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT91SAM7A2-AI Datasheet(PDF) 89 Page - ATMEL Corporation

Part # AT91SAM7A2-AI
Description  AT91 ARM Thumb-based Microcontrollers
PDF  369 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A2-AI Datasheet(HTML) 89 Page - ATMEL Corporation

Back Button AT91SAM7A2-AI Datasheet HTML 85Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 86Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 87Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 88Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 89Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 90Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 91Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 92Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 93Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 369 page
background image
89
PRELIMINARY
AT91SAM7A2
6021A–ATARM–07/04
Peripheral Data Controller (PDC) Memory Map
Base Address: 0xFFFF8000
Table 37. PDC Memory Map
Offset
Register
Name
Access
Reset State
0x000
–
0x07C
Reserved
–
–
–
0x080
CH0 Peripheral Register Address
PDC_PRA0
Read/Write
0xFFE00000
0x084
CH0 Control Register
PDC_CR0
Read/Write
0x00000000
0x088
CH0 Memory Pointer
PDC_MPR0
Read/Write
0x00000000
0x08C
CH0 Transfer Counter
PDC_TCR0
Read/Write
0x00000000
0x090
CH1 Peripheral Register Address
PDC_PRA1
Read/Write
0xFFE00000
0x094
CH1 Control Register
PDC_CR1
Read/Write
0x00000000
0x098
CH1 Memory Pointer
PDC_MPR1
Read/Write
0x00000000
0x09C
CH1 Transfer Counter
PDC_TCR1
Read/Write
0x00000000
0x0A0
CH2 Peripheral Register Address
PDC_PRA2
Read/Write
0xFFE00000
0x0A4
CH2 Control Register
PDC_CR2
Read/Write
0x00000000
0x0A8
CH2 Memory Pointer
PDC_MPR2
Read/Write
0x00000000
0x0AC
CH2 Transfer Counter
PDC_TCR2
Read/Write
0x00000000
0x0B0
CH3 Peripheral Register Address
PDC_PRA3
Read/Write
0xFFE00000
0x0B4
CH3 Control Register
PDC_CR3
Read/Write
0x00000000
0x0B8
CH3 Memory Pointer
PDC_MPR3
Read/Write
0x00000000
0x0BC
CH3 Transfer Counter
PDC_TCR3
Read/Write
0x00000000
0x0C0
CH4 Peripheral Register Address
PDC_PRA4
Read/Write
0xFFE00000
0x0C4
CH4 Control Register
PDC_CR4
Read/Write
0x00000000
0x0C8
CH4 Memory Pointer
PDC_MPR4
Read/Write
0x00000000
0x0CC
CH4 Transfer Counter
PDC_TCR4
Read/Write
0x00000000
0x0D0
CH5 Peripheral Register Address
PDC_PRA5
Read/Write
0xFFE00000
0x0D4
CH5 Control Register
PDC_CR5
Read/Write
0x00000000
0x0D8
CH5 Memory Pointer
PDC_MPR5
Read/Write
0x00000000
0x0DC
CH5 Transfer Counter
PDC_TCR5
Read/Write
0x00000000
0x0E0
CH6 Peripheral Register Address
PDC_PRA6
Read/Write
0xFFE00000
0x0E4
CH6 Control Register
PDC_CR6
Read/Write
0x00000000
0x0E8
CH6 Memory Pointer
PDC_MPR6
Read/Write
0x00000000
0x0EC
CH6 Transfer Counter
PDC_TCR6
Read/Write
0x00000000
0x0F0
CH7 Peripheral Register Address
PDC_PRA7
Read/Write
0xFFE00000
0x0F4
CH7 Control Register
PDC_CR7
Read/Write
0x00000000
0x0F8
CH7 Memory Pointer
PDC_MPR7
Read/Write
0x00000000
0x0FC
CH7 Transfer Counter
PDC_TCR7
Read/Write
0x00000000
0x100
CH8 Peripheral Register Address
PDC_PRA8
Read/Write
0xFFE00000
0x104
CH8 Control Register
PDC_CR8
Read/Write
0x00000000
0x108
CH8 Memory Pointer
PDC_MPR8
Read/Write
0x00000000
0x10C
CH8 Transfer Counter
PDC_TCR8
Read/Write
0x00000000
0x110
CH9 Peripheral Register Address
PDC_PRA9
Read/Write
0xFFE00000
0x114
CH9 Control Register
PDC_CR9
Read/Write
0x00000000
0x118
CH9 Memory Pointer
PDC_MPR9
Read/Write
0x00000000
0x11C
CH9 Transfer Counter
PDC_TCR9
Read/Write
0x00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com