Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT91SAM7A2-AI Datasheet(PDF) 44 Page - ATMEL Corporation

Part # AT91SAM7A2-AI
Description  AT91 ARM Thumb-based Microcontrollers
PDF  369 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A2-AI Datasheet(HTML) 44 Page - ATMEL Corporation

Back Button AT91SAM7A2-AI Datasheet HTML 40Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 41Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 42Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 43Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 44Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 45Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 46Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 47Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 48Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 369 page
background image
44
PRELIMINARY
AT91SAM7A2
6021A–ATARM–07/04
AMC Chip Select Register 0
Name:
AMC_CSR0
Access:
Read/Write
Base Address:
0x000
• BA[9:0]: Base Address
Bits [31:30] are set by hardware, so the base address can only be in the memory space 0x40000000-0x7FFFFFFF. The
other bits contain the highest bits of the base address. If the page size is larger than 1Mbyte, the unused bits of the base
address are ignored by the AMC decoder.
• CSEN: Chip Select Enable
0: Chip select is disabled.
1: Chip select is enabled.
• BAT: Byte Access Type
0: Byte write access type.
1: Byte select access type.
• TDF[2:0]: Data Float Output Time
These bits select the number of cycles added after a memory transfer.
31
30
29
28
27
26
25
24
–
–
BA[9:4]
23
22
21
20
19
18
17
16
BA[3:0]
––
––
15
14
13
12
11
10
9
8
–
–
CSEN
BAT
TDF[2:0]
PAGES1
76
543
21
0
PAGES0
–
WSE
NWS[2:0]
DBW[1:0]
TDF[2:0]
Cycles Added
000
0
001
1
010
2
011
3
100
4
101
5
110
6
111
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com