Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT91SAM7A2-AI Datasheet(PDF) 29 Page - ATMEL Corporation

Part # AT91SAM7A2-AI
Description  AT91 ARM Thumb-based Microcontrollers
PDF  369 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A2-AI Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button AT91SAM7A2-AI Datasheet HTML 25Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 26Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 27Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 28Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 29Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 30Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 31Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 32Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 369 page
background image
29
PRELIMINARY
AT91SAM7A2
6021A–ATARM–07/04
Byte Write Access (BAT = 0)
This mode is selected by setting the BAT bit to 0 in AMC_CSRX registers. This is the
mode selected at reset.
In this mode users can interface the EBI with one or two 8-bit memories.
If the EBI is interfaced with two 8-bit memories, then users can choose to have either an
8- or 16-bit access.
The NRD signal is used for reading and two signals are used for writing, NWR0 for lower
byte writes and NWR1 for upper byte writes.
Figure 12 shows how to connect one and two 8-bit memories with the EBI.
The example shown in Figure 13 demonstrates what happens when AT91SAM7A2
boots in this mode on a 16-bit memory (type Flash).
8-bit Access Device Connection
A typical 8-bit memory device connection with 8-bit access is shown here.
DBW[1:0] should be set for a 8-bit-data bus width and only NWR0 is used.
•
The A0/NLB signal is used as A0.
•
The NWR1/NUB signal is not used.
•
The NWR0/NWE signal is used as NWR0 and enables lower byte writes.
•
The NRD/NOE signal is used as NRD and enables half-word and byte reads.
Figure 12. EBI Connection for External 8-bit Memory Device, 8-bit Access Only
8-bit or 16-bit Access Device
Connection
A typical 2x8-bit memory device connection with 8-bit or 16-bit access is shown below.
•
The A0/NLB signal is not used.
•
The NWR1/NUB signal is used as NWR1 and enables upper byte writes.
•
The NWR0/NWE signal is used as NWR0 and enables lower byte writes.
•
The NRD/NOE signal is used as NRD and enables half-word and byte reads.
EBI
A[21:0]
NRD
NWR0
D[7:0]
8-bit
External Memory
NCS
D[7:0]
A[21:0]
NWE
NOE
NCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com