Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT91SAM7A2-AI Datasheet(PDF) 27 Page - ATMEL Corporation

Part # AT91SAM7A2-AI
Description  AT91 ARM Thumb-based Microcontrollers
PDF  369 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A2-AI Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button AT91SAM7A2-AI Datasheet HTML 23Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 24Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 25Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 26Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 27Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 28Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 29Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 30Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 369 page
background image
27
PRELIMINARY
AT91SAM7A2
6021A–ATARM–07/04
External Memory Device
Connection
Each chip select can operate with one of two different types of write access by setting
the Byte Access Type bit.
1.
Byte select access (BAT = 1): uses one write signal, one read signal, and two
signals to select upper and lower memory bank (used for SRAM) in a 16-bit
memory.
Typically used with 16-bit memories, except when user want to connect 2x8-bit
memories in parallel, in that case seen by the AMC this is a 16-bit memory.
2.
Byte write access (BAT = 0): uses two write signals for selecting two different
8-bit memories and a read signal.
Typically used with 2x8-bit memories, this mode is used at reset to boot on the
memory connected on NCS0 (Chip Select 0).
Byte Select Access (BAT = 1)
This mode is selected by setting the BAT bit to 1 in AMC_CSRX registers and is typi-
cally used to connect the EBI with a 16-bit memory. All 2X8-bit memories can be
connected in this mode.
Users can use the upper/lower bank selection signal to get either an 8-bit or a 16-bit
access.
The signal NOE is used for reading and the signal NWE is used for writing. Signals NUB
(upper bank selection) and NLB (lower bank selection) are used to have a 8-bit access.
The following illustrations Figure 9, Figure 10 on page 28 and Figure 11 on page 28
show how to connect a typical 16-bit memory and 2x8-bit memories with 16-bit access
and a 16-bit memory with 8-bit access.
16-bit Access Device
Connection
A typical 16-bit memory (e.g. Flash) device connection with 16-bit access is listed below,
NLB and NUB are not used.
•
The A0/NLB signal is not used
•
The NWR1/NUB signal is not used
•
The NWR0/NWE signal is used as NWE and enables half-word writes.
•
The NRD/NOE signal is used as NOE and enables half-word and byte reads.
Figure 9. EBI Connection for External 16-bit Memory Device, 16-bit Access Only
In the same configuration as shown in Figure 9 above, it is possible to connect 2x8-bit
memory devices with 16-bit access. The configuration shown in Figure 10 on page 28
demonstrates how to interface the EBI with 2x8-bit memories (for example 2x8-bit ROM
memory) as a 16-bit memory page.
EBI
A[21:1]
NOE
NWE
D[15:0]
16-bit
External Memory
NCS
D[15:0]
A[20:0]
NWE
NOE
NCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com