Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT91SAM7A2-AI Datasheet(PDF) 26 Page - ATMEL Corporation

Part # AT91SAM7A2-AI
Description  AT91 ARM Thumb-based Microcontrollers
PDF  369 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A2-AI Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button AT91SAM7A2-AI Datasheet HTML 22Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 23Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 24Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 25Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 26Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 27Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 28Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 29Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 369 page
background image
26
PRELIMINARY
AT91SAM7A2
6021A–ATARM–07/04
Advanced Memory Controller (AMC)
Overview
The AT91SAM7A2 microcontroller is provided with an Advanced Memory Controller
(AMC) enabling the software to configure external and internal memory mapping (at
boot level).
The external 16-bit data bus interface is called the External Bus Interface (EBI) and is
the physical layer used to connect external devices to the AT91SAM7A2 microcontrol-
ler. Subsequently, the EBI generates the signals which control the access to the
external memory or peripheral devices.
The EBI is fully programmable through the Advanced Memory Controller and can
address up to 6 Mbytes. It has four chip selects and a 20-bit address bus.
The AT91SAM7A2 can only boot on a 16-bit external memory device connected to the
NCS0 signal. All the other chip select lines can be configured to access 8 or 16-bit mem-
ory devices.
Boot on NCS0
Automatically, the AT91SAM7A2 boots on a 16-bit external memory device connected
on NCS0.
At reset, access through NCS0 is configured as follows (in the AMC_CSR0 register).
•
8 wait states (WSE = 1, NWS = 7)
•
16-bit data bus width
•
Base address is at 0x00000000
•
Byte access type is configured as Byte Write Access, BAT = 0
•
The number of data float time is 0.
•
The EBI is configured in normal read protocol (DRP = 0 in AMC_MCR register).
The user can modify the chip select 0 configuration, programming the AMC_CSR0 with
exact boot memory characteristics. The base address becomes effective after the
remap command (set to a logical 1 the RCB in AMC_RCR), but the other parameters
are changed immediately after the write access in the AMC_CSR0 register.
External Memory
Mapping
The memory map associates the internal 32-bit address space with the external 20-bit
address bus.
The memory map is defined by programming the base address and page size of the
external memories.
If the physical memory device is smaller than the programmed page size, it wraps
around and appears to be repeated within the page. The AMC correctly handles any
valid access to the memory device within the page.
In the event of an access request to an address outside any programmed page, a data
abort signal is generated. Two types of abort are possible: instruction prefetch abort and
data abort. The corresponding exception vector addresses are respectively
0x0000000C and 0x00000010.
It is up to the system programmer to program the error handling routine to use in case of
an abort (see the ARM7TDMI datasheet for further information).
The AT91SAM7A2 microcontroller must be wired so that the NCS0 accesses a non vol-
atile 16-bit memory as shown in Figure 9 “EBI Connection for External 16-bit Memory
Device, 16-bit Access Only,” on page 27 or Figure 10 “EBI Connection for 2x8-bit Exter-
nal Memory Devices, 16-bit Access Only,” on page 28.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com