Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT91SAM7A2-AI Datasheet(PDF) 18 Page - ATMEL Corporation

Part # AT91SAM7A2-AI
Description  AT91 ARM Thumb-based Microcontrollers
PDF  369 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A2-AI Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button AT91SAM7A2-AI Datasheet HTML 14Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 15Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 16Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 17Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 18Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 19Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 20Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 21Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 369 page
background image
18
PRELIMINARY
AT91SAM7A2
6021A–ATARM–07/04
Internal Oscillator Characteristics
Core Clock Oscillator
Real Time Clock Oscillator
Table 15. Core Clock Oscillator
Code
Parameter
Conditions
Min
Typ
Max
Unit
Du
Duty cycle
Crystal @ 4 MHz
40
50
60
%
Opf
Operating frequency
4
8
MHz
t
SU
Startup time
Crystal @ 4 MHz
10
ms
t
SU
Startup time
Crystal @ 8 MHz
5
ms
C1
Internal capacitance (MCKI/GND)
10
pF
C2
Internal capacitance (MCKO/GND)
10
pF
CL
Equivalent load capacitance
(MCKI/MCKO)
5pF
DL
Drive level
50
W
Rs
Equivalent Series Resistance
Fundamental @ 8 Mhz
100
Rs
Equivalent Series Resistance
Fundamental @ 4 Mhz
50
Cs
Shunt capacitance
Crystal
6
pF
CL
Load capacitance
Crystal @ 4 MHz
10
pF
Cm
Motional capacitance
Crystal @ 4 MHz
3
fF
Table 16. Real Time Clock Oscillator
Code
Parameter
Conditions
Min
Typ
Max
Unit
Du
Duty cycle
@ 32.768 kHz
40
50
60
%
tsu
Startup time
1.5
s
C1
Internal capacitance (RTCKI/GND)
20
pF
C2
Internal capacitance (RTCKO/GND)
20
pF
CL
Equivalent load capacitance
(RTCKI/RTCKO)
10
pF
DL
Drive level
1W
Rs
Series resistance
Crystal
60
k
Cs
Shunt capacitance
Crystal
0.8
1.7
pF
Load capacitance
Crystal @ 32.768 kHz
10
pF
Cm
Motional capacitance
Crystal @ 32.768 kHz
1
4
fF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com