Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT91SAM7A2-AI Datasheet(PDF) 92 Page - ATMEL Corporation

Part # AT91SAM7A2-AI
Description  AT91 ARM Thumb-based Microcontrollers
PDF  369 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A2-AI Datasheet(HTML) 92 Page - ATMEL Corporation

Back Button AT91SAM7A2-AI Datasheet HTML 88Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 89Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 90Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 91Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 92Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 93Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 94Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 95Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 96Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 369 page
background image
92
PRELIMINARY
AT91SAM7A2
6021A–ATARM–07/04
Generic Interrupt Controller (GIC)
Overview
The GIC is an 8-level priority, individually maskable, vectored interrupt controller. It can
substantially reduce the software and real time overhead in handling internal and exter-
nal interrupts.
The interrupt controller is connected to the nFIQ (fast interrupt request) and the nIRQ
(standard interrupt request) inputs of the ARM7TDMI processor (see Figure 45 below).
The processor's nFIQ line can only be asserted by the external fast interrupt request
input, FIQ. The nIRQ line can be asserted by all other internal and external interrupt
sources.
Figure 45. GIC Connection to Core
An 8-level priority encoder allows the user to define the priority between the different
nIRQ interrupt sources. The internal interrupt sources are programmed to be level sen-
sitive or edge triggered. The external interrupt sources can be programmed to be
positive or negative edge triggered or high or low level sensitive.
Internal Interrupt Source
(Peripherals)
External Interrupt IRQ[1:0]
External Interrupt FIQ
GIC
ARM7TDMI
Core
nIRQ
nFIQ
AMBA
Bridge
APB
ASB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com