Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT91SAM7A2-AI Datasheet(PDF) 51 Page - ATMEL Corporation

Part # AT91SAM7A2-AI
Description  AT91 ARM Thumb-based Microcontrollers
PDF  369 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A2-AI Datasheet(HTML) 51 Page - ATMEL Corporation

Back Button AT91SAM7A2-AI Datasheet HTML 47Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 48Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 49Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 50Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 51Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 52Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 53Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 54Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 55Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 369 page
background image
51
PRELIMINARY
AT91SAM7A2
6021A–ATARM–07/04
Table 28 below lists the different working modes according to value set in the CM_CS
register. Line 14 show values at reset.
For each mode listed in Table 28 above, the corresponding equation is calculated for
LFCLK and CORECLK as shown below in Table 29.
Table 28. Clock Selection
Mode
Number
CM_CS.7
RTCKEN
CM_CS.6
RTCSEL
CM_CS.3
LFSLCT
CM_CS.5
DIVSLCT
CM_CS.2
PLLSLCT
CM_CS.1
PLLDIV2
CM_CS.8
MCKEN
CM_CS.9
PLLEN
CM_CS.13
DIVEN
CM_CS.14
RTCSLCT CORECLK
LFCLK
Mode
1
0
X
X
1
X
X
1
0
1
0
DIVCLK
DIVCLK
SLM
2
0
X
X
0
0
X
1
0
1
0
MCK
DIVCLK
SLM
3
0
X
X
0
1
0
1
1
1
0
PLLCLK
DIVCLK
OPE
4
0
X
X
0
1
1
1
1
1
0
PLLCLK/2
DIVCLK
OPE
5
111
X
X
X
0
0
0
1
RTCK
RTCK
LPM
6
1101
X
X
1
0
1
1
DIVCLK
RTCK
SLM
7
1100
0
X
1
0
0
1
MCK
RTCK
SLM
8
1100
10
1
1
0
1
PLLCLK
RTCK
OPE
9
1100
11
1
1
0
1
PLLCLK/2
RTCK
OPE
10
1
0
1
X
X
X
1
0
1
0
DIVCLK
DIVCLK
SLM
11
1001
X
X
1
0
1
0
DIVCLK
DIVCLK
SLM
12
1000
0
X
1
0
1
0
MCK
DIVCLK
SLM
13
1000
10
1
1
1
0
PLLCLK
DIVCLK
OPE
14
1000
11
1
1
1
0
PLLCLK/2
DIVCLK
OPE
Table 29. Corresponding Equation for LFCLK and CORECLK
Mode Number
CORECLK
LFCLK
1
MCK/(2*(MDIV+1))
MCK/(2*(MDIV+1))
2
MCK
MCK/(2*(MDIV+1))
3
MCK*PLL
MCK/(2*(MDIV+1))
4
MCK*PLL/DIV2
MCK/(2*(MDIV+1))
5
RTCK
RTCK
6
MCK/(2*(MDIV+1))
RTCK
7
MCK
RTCK
8
MCK*PLL
RTCK
9
MCK*PLL/DIV2
RTCK
10
MCK/(2*(MDIV+1))
MCK/(2*(MDIV+1))
11
MCK/(2*(MDIV+1))
MCK/(2*(MDIV+1))
12
MCK
MCK/(2*(MDIV+1))
13
MCK*PLL
MCK/(2*(MDIV+1))
14
MCK*PLL/DIV2
MCK/(2*(MDIV+1))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com