Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT91SAM7A2-AI Datasheet(PDF) 61 Page - ATMEL Corporation

Part # AT91SAM7A2-AI
Description  AT91 ARM Thumb-based Microcontrollers
PDF  369 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A2-AI Datasheet(HTML) 61 Page - ATMEL Corporation

Back Button AT91SAM7A2-AI Datasheet HTML 57Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 58Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 59Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 60Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 61Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 62Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 63Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 64Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 65Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 369 page
background image
61
PRELIMINARY
AT91SAM7A2
6021A–ATARM–07/04
SFM Chip ID Register
Name:
SFM_CIDR
Access:
Read-only
Base Address:
0x000
• NVPMS[3:0]: Non Volatile Program Memory Size
0000
b: None.
Other: memory size = 2
(14+NVPMS[3:0]) bytes.
• NVDMS[3:0]: Non Volatile Data Memory Size
0000
b: None.
Other: Reserved.
• IRS[3:0]: Internal RAM Size
Internal RAM size = 2
(9+IRS[3:0]) bytes.
• NVPMT[3:0]: Non Volatile Program Memory Type
0000
b: ROM less.
0001
b: Mask ROM.
Other: reserved.
• ARCH[3:0]: Core Architecture
0000
b: ARM7TDMI.
Other: Reserved.
• EXT: Extension Flag
0: No extended chip ID.
1: Extended chip ID existing.
31
30
29
28
27
26
25
24
EXT
–
–––
––
–
23
22
21
20
19
18
17
16
ARCH[3:0]
15
14
13
12
11
10
9
8
NVPMT[3:0]
IRS[3:0]
76
543
21
0
NVDMS[3:0]
NVPMS[3:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com