Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT91SAM7A2-AI Datasheet(PDF) 76 Page - ATMEL Corporation

Part # AT91SAM7A2-AI
Description  AT91 ARM Thumb-based Microcontrollers
PDF  369 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A2-AI Datasheet(HTML) 76 Page - ATMEL Corporation

Back Button AT91SAM7A2-AI Datasheet HTML 72Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 73Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 74Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 75Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 76Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 77Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 78Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 79Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 80Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 369 page
background image
76
PRELIMINARY
AT91SAM7A2
6021A–ATARM–07/04
WT Control Register
Name:
WT_CR
Access:
Write-only
Base Address:
0x060
• SWRST: WT Software Reset
0: No effect.
1: Reset the WT.
A Software triggered hardware reset of the WT is performed. It resets all the registers. The software must wait for LFCLK to
set up properly before using other registers.
• SECSEN: WT Seconds Counter Enable
0: No effect.
1: Enables the WT seconds counter.
• SECSDIS: WT Seconds Counter Disable
0: No effect.
1: Disables the WT seconds counter.
In case both SECSEN and SECSDIS are equal to one when the control register is written, the WT seconds counter will be
disabled.
• ALARMEN: WT Alarm Enable
0: No effect.
1: Enables the WT alarm.
• ALARMDIS: WT Alarm Disable
0: No effect.
1: Disables the WT alarm.
In case both ALARMEN and ALARMDIS are equal to one when the control register is written, the WT alarm will be disabled
31
30
29
28
27
26
25
24
––
–––
––
–
23
22
21
20
19
18
17
16
––
–––
––
–
15
14
13
12
11
10
9
8
––
–––
––
–
76
543
21
0
–
–
–
ALARMDIS
ALARMEN
SECSDIS
SECSEN
SWRST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com