Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT91SAM7A2-AI Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT91SAM7A2-AI
Description  AT91 ARM Thumb-based Microcontrollers
PDF  369 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A2-AI Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT91SAM7A2-AI Datasheet HTML 7Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 8Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 9Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 10Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 11Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 12Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 13Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 14Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 369 page
background image
11
PRELIMINARY
AT91SAM7A2
6021A–ATARM–07/04
The total power dissipation of the AT91SAM7A2 embedded system, when in operational
mode, is estimated to be 200 mW
(1) maximum, at an operating voltage of 3.3 V, over the
operating temperature range.
Module Consumption
Initial condition: 3.3 V, 25°C, All inputs grounded, low level and no load on all outputs,
ARM clock enable.
Reset
To properly reset the chip, users must maintain a reset of at least 1µs.
After a reset, the program starts executing after the PLL stabilization time (11.3 ms for
an oscillator of 4 MHz).
Note:
1. ARM core and modules working at CORECLK frequency = 30 MHz (i.e. MCK = 6
MHz, PLL multiplier = 5).
Table 7. Operational Mode Consumption.
Mode
Parameters
Typ
Unit
OPE
Core
900
µA/MHz
SLM
PLL (frequency independent)
1.5
mA
Table 8. Operational Mode Consumption.
Symbol
Parameters
Typ
Unit
PDC
Peripheral Data controller
160
µA/MHz
UPIO
Unified Parallel Input Output
40
µA/MHz
USART
Universal Sync/Async Receiver Transceiver
110
µA/MHz
SPI
Serial Peripheral Interface
60
µA/MHz
GPT3CH
General Purpose Timer 3 Channels
150
µA/MHz
GPT1CH
General Purpose Timer 1 Channel
40
µA/MHz
ADC
Analog to Digital Converter
20
µA/MHz
CAN16
CAN 16 Channels
210
µA/MHz
CAN32
CAN 32 Channels
280
µA/MHz
ST
Simple Timer
40
µA/MHz
CAPT
Capture
20
µA/MHz
PWM4C
PWM 4 Channels
60
µA/MHz
ALL
All Modules
1650
µA/MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com