Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT91SAM7A2-AI Datasheet(PDF) 96 Page - ATMEL Corporation

Part # AT91SAM7A2-AI
Description  AT91 ARM Thumb-based Microcontrollers
PDF  369 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A2-AI Datasheet(HTML) 96 Page - ATMEL Corporation

Back Button AT91SAM7A2-AI Datasheet HTML 92Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 93Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 94Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 95Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 96Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 97Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 98Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 99Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 100Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 369 page
background image
96
PRELIMINARY
AT91SAM7A2
6021A–ATARM–07/04
Standard Interrupt
Sequence
For details on the registers mentioned in the steps below, refer to the ARM7TDMI
Embedded Core Datasheet.
It is assumed that:
•
The Generic Interrupt Controller has been programmed, GIC_SVR are loaded with
corresponding interrupt service routine addresses and interrupts are enabled.
•
The Instruction at address 0x18 (IRQ exception vector address) is:
ldr pc, [pc, #-&F20].
When nIRQ is asserted, if the bit I of CPSR is 0, the sequence is:
1.
The CPSR is stored in SPSR_irq, the current value of the Program Counter is
loaded in the IRQ link register (r14_irq) and the Program Counter (r15) is loaded
with 0x18. In the following cycle during fetch at address 0x1C, the ARM core
adjusts r14_irq, incrementing it by 4.
2.
The ARM core enters IRQ mode, if it is not already.
3.
When the instruction loaded at address 0x18 is executed, the Program Counter
is loaded with the value read in GIC_IVR. Reading the GIC_IVR has the follow-
ing effects:
–
Sets the current interrupt to be the one pending with the highest priority. The
current level is the priority level of the current interrupt.
–
De-asserts the nIRQ line on the processor (even if vectoring is not used,
GIC_IVR must be read in order to de-assert nIRQ).
–
Automatically clears the interrupt, if it has been programmed to be edge
triggered; pushes the current level on to the stack, returns the value written
in the GIC_SVR corresponding to the current interrupt.
4.
The previous step branches to the corresponding interrupt service routine. This
should start by saving the Link Register (r14_irq) and the SPSR (SPSR_irq).
Note that the Link Register must be decremented by 4 when it is saved, if it is to
be restored directly into the Program Counter at the end of the interrupt. The
instruction: sub pc, lr, #4 may be used, for example.
5.
Further interrupts can then be unmasked by clearing the I bit in CPSR, allowing
reassertion of the nIRQ to be taken into account by the core. This can arise if an
interrupt with a higher priority than the current one occurs.
6.
The Interrupt Handler can then proceed as required, saving the registers which
will be used and restoring them at the end. During this phase, an interrupt of
higher priority than the current level will restart the sequence from step 1. Note
that if the interrupt is programmed to be level sensitive, the source of the inter-
rupt must be cleared during this phase.
7.
The I bit in CPSR must be set in order to mask interrupts before exiting, to
ensure that the interrupt is completed in an orderly manner.
8.
The End Of Interrupt Command Register (GIC_EOICR) must be written in order
to indicate to the GIC that the current interrupt is finished. This causes the cur-
rent level to be popped from the stack, restoring the previous current level if one
exists on the stack. If another interrupt is pending, with lower or equal priority
than the old current level but with higher priority than the new current level, the
nIRQ line is reasserted, but the interrupt sequence does not immediately start
because the I bit is set in the core.
9.
The SPSR (SPSR_irq) is restored. Finally, the saved value of the Link Register is
restored directly into the PC. This has the effect of returning from the interrupt to
whatever was being executed before, and of loading CPSR with the stored



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com