Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT91SAM7A2-AI Datasheet(PDF) 17 Page - ATMEL Corporation

Part # AT91SAM7A2-AI
Description  AT91 ARM Thumb-based Microcontrollers
PDF  369 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A2-AI Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button AT91SAM7A2-AI Datasheet HTML 13Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 14Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 15Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 16Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 17Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 18Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 19Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 20Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 369 page
background image
17
PRELIMINARY
AT91SAM7A2
6021A–ATARM–07/04
Figure 6. Core Clock Waveform
32.768 kHz Frequency Clock
The 32.768 kHz clock is the clock generated by the real time clock oscillator. The real
time clock (RTCK) characteristics are given below in Table 14.
Figure 7. 32.768 kHz Clock Waveform
CORECLK
0.3VVDDCORE
0.7VVDDCORE
CP
t
CH
t
CL
t
Table 14. Low Frequency Clock Timings
Symbol
Parameter
Minimum
Typical
Maximum
Unit
1/t
RTCP
32.768kHz oscillator frequency
32.768
kHz
RTCK
0.3VVDDCORE
0.7VVDDCORE
RTCP
t
RTCH
t
RTCL
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com