Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT91SAM7A2-AI Datasheet(PDF) 106 Page - ATMEL Corporation

Part # AT91SAM7A2-AI
Description  AT91 ARM Thumb-based Microcontrollers
PDF  369 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A2-AI Datasheet(HTML) 106 Page - ATMEL Corporation

Back Button AT91SAM7A2-AI Datasheet HTML 102Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 103Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 104Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 105Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 106Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 107Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 108Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 109Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 110Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 369 page
background image
106
PRELIMINARY
AT91SAM7A2
6021A–ATARM–07/04
GIC Interrupt Set Command Register
Name:
GIC_ICSR
Access:
Write-only
Base Address:
0x12C
• Software Interrupt Set
0: No effect.
1: Clears corresponding software interrupt.
GIC End of Interrupt Command Register
Name:
GIC_EOICR
Access:
Write-only
Base Address:
0x130
A write access to this register (with any value) indicates that the interrupt treatment is completed.
31
30
29
28
27
26
25
24
SWIRQ7
SWIRQ6
IRQ1
IRQ0
SWIRQ5
SWIRQ4
ST1
ST0
23
22
21
20
19
18
17
16
CAPT1
CAPT0
UPIO
CAN0
PWM
GPT1CH0
SWIRQ3
SWIRQ2
15
14
13
12
11
10
9
8
SWIRQ1
GPT0CH2
GPT0CH1
GPT0CH0
ADC1
ADC0
CAN2
CAN1
7
6
54
32
10
SPI
CAN3
USART1
USART0
WT
WD
SWIRQ0
FIQ
31
30
29
28
27
26
25
24
–
–
––
––
––
23
22
21
20
19
18
17
16
–
–
––
––
––
15
14
13
12
11
10
9
8
–
–
––
––
––
7
6
54
32
10
–
–
––
––
––



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com